| Zakładka z wyszukiwarką danych komponentów |
|
CD4504BMPWREP.A Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD4504BMPWREP.A Arkusz danych(HTML) 2 Page - Texas Instruments |
|
2 / 16 page ![]() ABSOLUTE MAXIMUM RATINGS CD4504B-EP SCHS369 – NOVEMBER 2008 .......................................................................................................................................................................................... www.ti.com FUNCTIONAL BLOCK DIAGRAM over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VDD DC supply-voltage range, voltages referenced to VSS terminal –0.5 +20 V Input voltage range, all inputs –0.5 VCC + 0.5 V DC input current, any one input ±10 mA TA = –55°C to +100°C 500 mW PD Power dissipation per package Derate Linearly at 12 mW/°C to TA = +100°C to +125°C 200 nW Device dissipation per output transistor, 100 mW for TA = full package-temperature range (all package types) TA Operating temperature range –55 +125 °C θ JA Package thermal impedance(1) 91.1 °C/W Tstg Storage temperature range –85 +150 °C Lead temperature (during soldering), at distance 1/16 ± 1/32 inch (1.59 ± 0.79 mm) from case for +265 °C 10 s max (1) The package thermal impedance is calculated in accordance with JESD 51-7. 2 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): CD4504B-EP |