Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS3990 Arkusz danych(PDF) 2 Page - ams AG

Numer części AS3990
Szczegółowy opis  UHF RFID single chip reader EPC Class1 Gen2 compatible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS3990 Arkusz danych(HTML) 2 Page - ams AG

  AS3990 Datasheet HTML 1Page - ams AG AS3990 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet AS3990 UHF reader
Revision No. 1.2, Date: 09-2007
Page 2 of 2
Copyright © 2007 austriamicrosystems. Trademarks registered ®. All rights reserved. The material herein may not be reproduced, adapted,
merged, translated, stored, or used without the prior written consent of the copyright owner. To the best of its knowledge,
austriamicrosystems asserts that the information contained in this publication is accurate and correct.
Block and Application Diagram
EPC Gen2 Protocol Handling
Supply
Regulators
&
Refernces
AS3990
Directional
unit
1
2
3
5
6
8
MIX_INP 7
MIX_INN 9
MIXS_IN 10
1
1
1
2
1
3
1
4
1
5
1
6
1
7
27
RFOUTN_2 28
RFOUTN_1
20
RFOUTP_2 21
RFOUTP_1
2
2
2
3
2
4
2
5
2
6
2
9
32
RFOPX 33
RFONX
3
5
36
OSCO 37
OSCI
39
EN
40
IRQ
41
IO0
42
IO1
43
IO2
44
IO3
45
IO4
46
IO5
47
IO6
48
IO7
49
CLSYS
50
CLK
51
VDD_IO
38
VDD_D
18
VDD_RF
19
VDD_B
54
AGD
5
5
EXT_IN 56
5
7
59
VDD_A
VCO 60
63
VDD_LF
6
4
6
5
5
3
5
2
34
VDD_RFP
4xC
2xC
7xC
Micro
controller
Oscillator &
Timing
System
RSSI
AFE
Digitizer
Digitizer
Double Down-
Conversion
Mixer
Gain
Filter
RF Out
12
Byte
FIFO
EPC Gen2 Protocol
Handling
CRC
GEN-2
Frame Gen
OAD 31
30
OAD_2
58
ADC
DAC 4
VOSC
CP
61
62
Contact
austriamicrosystems AG
A 8141 Schloss Premstätten, Austria
T. +43 (0) 3136 500 0
F. +43 (0) 3136 525 01
wireless@austriamicrosystems.com
Disclaimer
Preliminary Data Sheet is product information in formative or design phase of development. Characteristic data and
other specifications are design goals. austriamicrosystems reserves the right to change or discontinue such products
without notice.



Html Pages

1 2