Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PRT08-2DO Arkusz danych(PDF) 1 Page - Autonics Corporation

Numer części PRT08-2DO
Szczegółowy opis  Cylindrical Type Proximity Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUTONICS [Autonics Corporation]
Strona internetowa  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PRT08-2DO Arkusz danych(HTML) 1 Page - Autonics Corporation

  PRT08-2DO Datasheet HTML 1Page - Autonics Corporation PRT08-2DO Datasheet HTML 2Page - Autonics Corporation PRT08-2DO Datasheet HTML 3Page - Autonics Corporation PRT08-2DO Datasheet HTML 4Page - Autonics Corporation PRT08-2DO Datasheet HTML 5Page - Autonics Corporation PRT08-2DO Datasheet HTML 6Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B044
;fZX\S_XRPZ Lf^T H_]eX[Xaf KT\`]_
HZTP`T _TPS |;PbaX]\ U]_ f]b_ `PUTaf| X\ ]^T_PaX]\
[P\bPZ QTU]_T b`X\V-
{
?cY`\dj j\cf\hXjkh\
4HMqxs4^m@S xss;-, LDFFDQn
HJ KT_XT`
,@RDr5TS} 5HJDK OK@SDC +Q@RRo <@RGDQ} 5HJDK OK@SDC 2QNMo 9DMRHMF RTQE@BD} 1D@SpQDRHRS@MS *+9o
9S@MC@QC B@AKDm+K@BJn} 7NKXUHMXK BGKNQHCDm7;,no 6HK QDRHRS@MS B@AKDm0Q@Xn} 6HK QDRHRS@MS 7NKXUHMXK BGKNQCDm7;,n
;fZX\S_XRPZ af^T ^_]eX[Xaf `T\`]_
i>TPab_T`
b2LOQNUDC SGD MNHRD QDRHRS@MBD VHSG CDCHB@SDC 2,
b2MSDFQ@SDC RTQFD OQNSDBSHNM BHQBTHS
b2MSDFQ@SDC NUDQKN@C l RGNQS OQNSDBSHNM BHQBTHS
m-, upVHQDovpVHQD SXODn
b2MSDFQ@SDC QDUDQRD ONK@QHSX OQNSDBSHNM BHQBTHS
m-, vpVHQD SXODn
b3NMF KHED BXBKD @MC GHFG QDKH@AHKHSXo @MC RHLOKD NODQ@SHNM
b8DC 3.- RS@STR HMCHB@SHNM
b7QNSDBSHNM RSQTBSTQD 27yzm2., RS@MC@QCn
b8DOK@BD@AKD ENQ LHBQN RVHSBGDR @MC KHLHS RVHSBGDR
iK^TRXUXRPaX]\`
b<; 1,dX_T af^T
]~+0* :GD QDRONMRD EQDPTDMBX HR SGD @UDQ@FD U@KTDq :GD RS@MC@QC RDMRHMF S@QFDS HR TRDC @MC SGD VHCSG HR RDS @R u SHLDR NE SGD
RS@MC@QC RDMRHMF S@QFDSotru NE SGD RDMRHMF CHRS@MBD ENQ SGD CHRS@MBDq
HJL01,1<G
HJL01,1<;
4@Wq tsk NE RDMRHMF CHRS@MBD
tu[tu[tLLm2QNMn
s SN tqwLL
tupuw;-,
mtspvs;-,n
4@Wq sqyL*
tJ1Y
u SN tssL*
*OOQNWqzuF
uss1Y
wss1Y
4@Wq vqx;
HJL07,4<G
HJL07,4<;
wLL
xLL
{LL
tsLL
txLL
s SN uq{LL s SN vqxLL
s SN xqyLL
s SN zLL s SN tsqxLL
*OOQNWq ttsF
*OOQNWq tzsF
vs[vs[tLL
m2QNMn
wx[wx[tLL
m2QNMn
HJL01,3<G
HJL01,3<;
HJL07,7<G
HJL07,7<;
HJL2/,0/<G
HJL2/,0/<;
HJL2/,04<G
HJL2/,04<;
ux[ux[tLL
m2QNMn
t{[t{[tLL
m2QNMn
xss1Y
vxs1Y
HJL/7,1<G
HJL/7,1<;
HJL/7,0-4<G
HJL/7,0-4<;
tqxLL
uLL
s SN tqwLL
s SN tqsxLL
{[{[tLLm2QNMn
*OOQNWqxuF
_vqx[u7ouL_x[u7ouL
uLL
Je[\b
O\di`d^ [`ijXdZ\
Foij\h\i`i
OjXd[Xh[ i\di`d^
jXh^\j
O\jj`d^ [`ijXdZ\
Mem\h ikffbo
,Lf\hXj`ed lebjX^\-
I\XaX^\ Zkhh\dj
N\ifedi\
]h\gk\dZo~+0*
N\i`[kXb lebjX^\
?]]\Zj`ed Yo P\cf1
Aedjheb ekjfkj
cdikbXj`ed h\i`ijXdZ\
B`\b\Zjh`Z ijh\d^j_
R`YhXj`ed
O_eZa
cd[`ZXjeh
?cY`\dj _kc`[`jo
Mhej\Zj`ed Z`hZk`j
Qd`j m\`^_j
AXYb\ if\Z1
OjehX^\ j\cf\hXjkh\
Mhej\Zj`ed
?ffhelXb
Ztsk 4@Wq ENQ RDMRHMF CHRS@MBD @S us\m/NQ 78:s{ RDQHDR } Zusk 4@Wqn
txss;*, xsrys1Y ENQ tLHMTSD
tLL @LOKHSTCD @S EQDPTDMBX NE ts SN xx1Y HM D@BG NE =o >o ? CHQDBSHNMR ENQ u GNTQR
xssLrR`mxs0n HM =o >o ? CHQDBSHNM ENQ v SHLDR
6TSOTS NODQ@SHNM HMCHB@SNQm8DC 3.-n
27yzm2., RS@MC@QCn
pux SN zs\m@S MNMpEQDDYHMF RS@STRn
pvs SN {s\m@S MNMpEQDDYHMF RS@STRn
vx SN |xk81
9TQFD OQNSDBSHNM BHQBTHSo 6UDQKN@C l 9GNQS OQNSDBSHNM BHQBTHS
tqxJ1Y
tqxJ1Y
_w[u7ouL
JXj\h`Xb
9TQFD OQNSDBSHNM BHQBTHS
~:*
>XQT_
]^aXR
`T\`]_
~G*
KT\`]_
R]\a_]ZZT_
~=*
H_T``b_T
`T\`]_
~>*
J]aP_f
T\R]ST_
~F*
<X`^ZPf
b\Xa
~A*
KKJ.
H]dT_
R]\a_]ZZT_
~H*
KdXaRWX\V
^]dT_
`b^^Zf
~<*
H_]eX[Xaf
`T\`]_
~I*
KaT^^X\V
[]a]_ }
<_XcT_ }
;]\a_]ZZT_
~J*
?_P^WXR.
D]VXR
^P\TZ
~E*
LPRW].
K^TTS.
HbZ`T
[TaT_
~D*
HP\TZ
[TaT_
~9*
HW]a]
TZTRa_XR
`T\`]_
~K*
>XTZS
\Tad]_Y
STcXRT
~;*
<]]_.9_TP
`T\`]_
~?*
;]\\TRa]_.
K]RYTa
~@*
LT[^-
R]\a_]ZZT_
~B*
;]b\aT_
~C*
LX[T_
~L*
H_]SbRaX]\
`a]^^PVT
[]STZ` }
_T^ZPRT[T\a


Podobny numer części - PRT08-2DO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
PRT HEYCO-PRT Datasheet
102Kb / 1P
HEYCaps™ and Plugs for Round Tubing
logo
Automatic Timing & Cont...
PRT ATC-PRT Datasheet
167Kb / 1P
Phase Rotation Tester
logo
SparkFun Electronics
PRT-00091 SPARKFUN-PRT-00091 Datasheet
159Kb / 1P
9V Snap Connector
4/12/2016
PRT-00449 SPARKFUN-PRT-00449 Datasheet
100Kb / 1P
SparkFun RS232 Shifter - SMD
PRT-07840 SPARKFUN-PRT-07840 Datasheet
98Kb / 1P
Solar Cell Large - 2.5W
11/10/2015
More results

Podobny opis - PRT08-2DO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
Cylindrical Proximity Sensor
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
Cylindrical Type proximity Sensor
PR12-2DP ETC2-PR12-2DP Datasheet
136Kb / 6P
Cylindrical Type Proximity Sensor
logo
Omron Electronics LLC
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
Cylindrical Proximity Sensor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com