| Zakładka z wyszukiwarką danych komponentów |
|
INA321EA/250.B Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA321EA/250.B Arkusz danych(HTML) 4 Page - Texas Instruments |
|
4 / 25 page ![]() INA321 INA2321 SBOS168D − DECEMBER 2000 − REVISED JANUARY 2006 www.ti.com 4 ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V (continued) BOLDFACE limits apply over the specified temperature range, TA = −555C to +1255C. At TA = +25°C, RL = 25kΩ, G = 25, and IA common = VS/2, unless otherwise noted. INA321EA INA2321EA INA321E PARAMETER UNIT MAX TYP MIN MAX TYP MIN CONDITIONS FREQUENCY RESPONSE Bandwidth, −3dB BW G = 5 500 ∗ kHz Slew Rate SR VS = 5V, G = 25 0.4 ∗ V/ µs Settling Time, 0.1% tS G = 5, CL = 50pF, VO = 2V step 8 ∗ µs 0.01% 12 ∗ µs Overload Recovery 50% Input Overload G = 25 2 ∗ µs POWER SUPPLY Specified Voltage Range +2.7 +5.5 ∗ ∗ V Operating Voltage Range +2.5 to +5.5 ∗ V Quiescent Current IQ per Channel, VSD > 2.5(4) 40 60 ∗ ∗ µA Over Temperature 70 * µA Shutdown Quiescent Current ISD per Channel, VSD > 0.8(4) 0.01 1 ∗ ∗ µA TEMPERATURE RANGE Specified Range −55 +125 ∗ ∗ °C Operating/Storage Range −65 +150 ∗ ∗ °C Thermal Resistance qJA MSOP-8, TSSOP-14 Surface-Mount 150 ∗ °C/W NOTE: ∗ Specification is same as INA321E. (1) Does not include errors from external gain setting resistors. (2) Output voltage swings are measured between the output and power-supply rails. (3) See typical characteristic Percent Overshoot vs Load Capacitance. (4) See typical characteristic Shutdown Voltage vs Supply Voltage. (5) Output does not swing to positive rail if gain is less than 10. |