| Zakładka z wyszukiwarką danych komponentów |
|
STD02N Arkusz danych(PDF) 4 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
STD02N Arkusz danych(HTML) 4 Page - Allegro MicroSystems |
|
4 / 7 page ![]() Darlington Transistors for Audio Amplifiers STD02N and STD02P 4 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com 12 10 8 6 4 2 0 12 10 8 6 4 2 0 130 100 50 0 02 4 6 0 1 2 3 0.0001 0.001 0.01 0.1 1 7 A 10 A –IC=5 A 0 0.5 1.0 1.5 2.0 2.5 0.1 1 10 100 1 10 0 0.5 1.0 1.5 2.0 1 10 100 1000 0.01 0.10 1.00 10.00 110 100 1000 PC vs. TA 0 25 50 75 100 125 150 TA (°C) Without Heatsink 3.5 IC vs. VCE VCE(sat) vs. IB hFE vs. IC IC vs. VBE RθJA vs. t IF vs. VF For Diode Safe Operating Area 1.2 mA 1.0 mA 0.8 mA 0.6 mA 0.4 mA 125°C 10 ms DC 100 ms 25°C –30°C –IB= 0.2 mA Single pulse No heatsink Natural cooling TA=25° t(ms) 102 103 104 105 106 0.01 0.1 1.0 10.0 100.0 –VCE (V) –VCE = 4 V Continuous –VCE = 4 V Continuous VF (V) –IB (A) –IC (A) –VCE (V) –VBE (V) STD02P Performance Characteristics at TA = 25°C |