| Zakładka z wyszukiwarką danych komponentów |
|
LR1108L-25-AB3-A-R Arkusz danych(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR1108L-25-AB3-A-R Arkusz danych(HTML) 2 Page - Unisonic Technologies |
|
2 / 6 page ![]() LR1108 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 6 www.unisonic.com.tw QW-R102-031.B MARKING INFORMATION PACKAGE VOLTAGE CODE PIN CODE PIN 1 PIN 2 PIN 3 PIN 4 PIN 5 MARKING A GND VOUT VIN - - SOT-89 C GND VIN VOUT - - SOT-25 15 :1.5V 18:1.8V 25:2.5V 2J:2.85V 33:3.3V - VIN GND SD ERROR VOUT SPXX Lead Plating 1 2 3 45 PIN DESCRIPTION Pin Description for SOT-89 Package PIN CODE & NO. A C PIN NAME I/O DESCRIPTION 2 3 VOUT O Output Voltage 1 1 GND Ground 3 2 VIN Input Supply Pin Description for SOT-25 Package PIN NO. PIN NAME I/O DESCRIPTION 1 VIN Input supply 2 GND Ground 3 SD I Shutdown LR1108 enable; when the SD pin connects to GND will shutdown the LR1108; At normal operation, SD must be tied to VDD through a 10KΩ pull up resistor. 4 ERROR O Error flag, active low; when the output dropout of regulation due to low input voltage, the LR1108 produces a logic low signal at the ERROR pin. 5 VOUT O Output voltage |