| Zakładka z wyszukiwarką danych komponentów |
|
PQ070XZ01ZP Arkusz danych(PDF) 3 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PQ070XZ01ZP Arkusz danych(HTML) 3 Page - Sharp Corporation |
|
3 / 8 page ![]() PQ070XZ5MZ/PQ070XZ01Z Fig.7 Output Voltage vs. Input Voltage (PQ070XZ5MZ) Fig.5 Overcurrent Protection Characteristics (PQ070XZ5MZ) Fig.6 Reference Voltage vs. Ambient Temperature Fig.8 Output Voltage vs. Input Voltage (PQ070XZ01Z) Output current IO (A) 0 0.5 1 1.5 2 2.5 3 0 0.2 0.4 0.6 0.8 1 1.2 0.1 0.3 0.5 0.7 0.9 1.1 VIN=5V VIN=7V VO=3V VIN=5.5V VIN=4.5V VIN=10V 1.23 1.235 1.24 1.245 1.25 1.255 1.26 −50 −25 0 25 50 75 100 125 Ambient temperature Ta (°C) VIN=4V VC=2.7V R1=1kΩ R2=1.4kΩ PQ070XZ01Z:IO=0.5A PQ070XZ5MZ:IO=0.3A Input voltage VIN (V) 0 0.5 1 1.5 2 2.5 3 3.5 012345 VC=2.7V Ta=Room temp. R1=1kΩ R2=1.4kΩ (VO=3V) CIN=0.33µF CO=47µF RL=6Ω (IO=0.5A) RL=∞Ω (IO=0A) RL=10Ω (IO=0.3A) Input voltage VIN (V) 0.5 1 1.5 2 2.5 3 3.5 012345 VC=2.7V Ta=Room temp. R1=1kΩ R2=1.4kΩ (VO=3V) CIN=0.33µF CO=47µF RL=3Ω (IO=1A) RL=6Ω (IO=0.5A) RL=∞Ω (IO=0.3A) 0 5 10 8 −40 −20 0 20406080 PD : With infinite heat sink Ambient temperature Ta (°C) Note) Oblique line prtion:Overheat protection may operate in this area Output current IO (A) 0 0.5 1 1.5 2 2.5 3 0 0.5 1 1.5 2 VIN=7V VIN=5.5V VIN=5V VIN=4.5V VO=3V VIN=10V Fig.3 Internal Dissipation vs. Ambient Temperature Fig.4 Overcurrent Protection Characteristics (PQ070XZ01Z) |