| Zakładka z wyszukiwarką danych komponentów |
|
LMP8350MA/NOPB.A Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMP8350MA/NOPB.A Arkusz danych(HTML) 4 Page - Texas Instruments |
|
4 / 39 page ![]() LMP8350 SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015 www.ti.com 6.2 ESD Ratings VALUE UNIT Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2) ±2500 Electrostatic V(ESD) Charged-device model (CDM), per JEDEC specification JESD22-C101(3) ±1250 V discharge Machine Model ±200 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with less than 500-V HBM is possible with the necessary precautions. (2) Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of JEDEC). Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC). (3) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.3 Recommended Operating Conditions See (1) MIN MAX UNIT Temperature range (TA) –40 85 °C Supply voltage (VS = V + – V–) 4.5 12 V (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test conditions, see the Electrical Characteristics Tables. 6.4 Thermal Information LMP8350 THERMAL METRIC(1) D (SOIC) UNIT 8 PINS RθJA Junction-to-ambient thermal resistance (2) 150 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. (2) The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board. 4 Submit Documentation Feedback Copyright © 2011–2015, Texas Instruments Incorporated Product Folder Links: LMP8350 |