| Zakładka z wyszukiwarką danych komponentów |
|
68HC705PL4B Arkusz danych(PDF) 80 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705PL4B Arkusz danych(HTML) 80 Page - Freescale Semiconductor, Inc |
|
80 / 98 page ![]() GENERAL RELEASE SPECIFICATION April 30, 1998 INSTRUCTION SET MC68HC05PL4 12-12 REV 2.0 ORA # opr ORA opr ORA opr ORA opr,X ORA opr,X ORA ,X Logical OR Accumulator with Memory A ← (A) ∨ (M) — — ◊◊ — IMM DIR EXT IX2 IX1 IX AA BA CA DA EA FA ii dd hh ll ee ff ff 2 3 4 5 4 3 ROL opr ROLA ROLX ROL opr,X ROL ,X Rotate Byte Left through Carry Bit —— ◊◊◊ DIR INH INH IX1 IX 39 49 59 69 79 dd ff 5 3 3 6 5 ROR opr RORA RORX ROR opr,X ROR ,X Rotate Byte Right through Carry Bit —— ◊◊◊ DIR INH INH IX1 IX 36 46 56 66 76 dd ff 5 3 3 6 5 RSP Reset Stack Pointer SP ← $00FF ————— INH 9C 2 RTI Return from Interrupt SP ← (SP) + 1; Pull (CCR) SP ← (SP) + 1; Pull (A) SP ← (SP) + 1; Pull (X) SP ← (SP) + 1; Pull (PCH) SP ← (SP) + 1; Pull (PCL) ◊◊◊◊◊ INH 80 6 RTS Return from Subroutine SP ← (SP) + 1; Pull (PCH) SP ← (SP) + 1; Pull (PCL) INH SBC # opr SBC opr SBC opr SBC opr,X SBC opr,X SBC ,X Subtract Memory Byte and Carry Bit from Accumulator A ← (A) – (M) – (C) — — ◊◊◊ IMM DIR EXT IX2 IX1 IX A2 B2 C2 D2 E2 F2 ii dd hh ll ee ff ff 2 3 4 5 4 3 SEC Set Carry Bit C ← 1 ———— 1 INH 99 2 SEI Set Interrupt Mask I ← 1 — 1 — — — INH 9B 2 STA opr STA opr STA opr,X STA opr,X STA ,X Store Accumulator in Memory M ← (A) — — ◊◊ — DIR EXT IX2 IX1 IX B7 C7 D7 E7 F7 dd hh ll ee ff ff 4 5 6 5 4 STOP Stop Oscillator and Enable IRQ Pin — 0 — — — INH 8E 2 STX opr STX opr STX opr,X STX opr,X STX ,X Store Index Register In Memory M ← (X) — — ◊◊ — DIR EXT IX2 IX1 IX BF CF DF EF FF dd hh ll ee ff ff 4 5 6 5 4 Table 12-6. Instruction Set Summary (Continued) Source Form Operation Description Effect on CCR H I NZC C b0 b7 b0 b7 C Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |