| Zakładka z wyszukiwarką danych komponentów |
|
LP5522TM/NOPB Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5522TM/NOPB Arkusz danych(HTML) 3 Page - Texas Instruments |
|
3 / 18 page ![]() LP5522 www.ti.com SNVS488A – JUNE 2007 – REVISED MARCH 2013 Operating Ratings (1) (2) Voltage on power pin (VDD) 2.7V to 5.5V Recommended Load Current 1 mA to 20 mA Junction Temperature (TJ) Range -30°C to +125°C Ambient Temperature (TA) Range (3) -30°C to +85°C (1) Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and associated test conditions, see the Electrical Characteristics tables. (2) All voltages are with respect to the potential at the GND pins. (3) In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application ( θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). Thermal Properties Junction-to-Ambient Thermal Resistance ( θJA) (1) 87°C/W (1) Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power dissipation exists, special care must be paid to thermal dissipation issues in board design. Copyright © 2007–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LP5522 |