| Zakładka z wyszukiwarką danych komponentów |
|
PCM1801U/2K Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM1801U/2K Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 25 page ![]() www.ti.com SCKI 0.8 V 2 V tCLKIL tCLKIH T0005-04 POWER-ON RESET 1024 System Clocks Reset Reset Removal 4.4 V 4 V 3.6 V VCC / VDD Internal Reset System Clock 3 Clocks Minimum DOUT Zero Data Normal Data(1) 18436 / fS T0014-02 PCM1801 SBAS131C – OCTOBER 2000 – REVISED JULY 2007 Table 2. System Clock Frequencies SAMPLING RATE FREQUENCY SYSTEM CLOCK FREQUENCY (kHz) 256 fs 384 fs 512 fs 32 8.1920 12.2880 16.3840 44.1 11.2896 16.9344 22.5792 48 12.2880 18.4320 24.5760 System clock pulse duration, HIGH t(CLKIH) 12 ns (min) System clock pulse duration, LOW t(CLKIL) 12 ns (min) Figure 23. System Clock Timing The PCM1801 has an internal power-on reset circuit, which initializes (resets) when the supply voltage (VCC/VDD) exceeds 4 V (typical). Because the system clock is used as the clock signal for the reset circuit, the system clock must be supplied as soon as power is applied; more specifically, the device must receive at least three system clock cycles before VDD > 4 V. While VCC/VDD < 4 V (typical) and for 1024 system clock cycles after VCC/VDD > 4 V, the PCM1801 stays in the reset state and the digital output is forced to zero. The digital output is valid 18,436 fS periods after release from the reset state. Figure 24 illustrates the internal power-on reset timing and the digital output for power-on reset. (1) The transient response (exponentially attenuated signal from ±0.2% dc of FSR with a 200-ms time constant) appears initially. Figure 24. Internal Power-On Reset Timing 13 Submit Documentation Feedback |