| Zakładka z wyszukiwarką danych komponentów |
|
PCM3003E/2K.B Arkusz danych(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM3003E/2K.B Arkusz danych(HTML) 30 Page - Texas Instruments |
|
30 / 42 page ![]() www.ti.com PROGRAM REGISTER 3 PCM3002 PCM3003 SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004 DEM[1:0]: Bits 2, 1: DAC de-emphasis control These bits select the de-emphasis mode as shown below: DEM1 DEM0 DE-EMPHASIS STATUS 0 0 De-emphasis 44. 1 kHz ON 0 1 De-emphasis OFF (default) 1 0 De-emphasis 48 kHz ON 1 1 De-emphasis 32 kHz ON MUT: Bit 0: DAC soft mute control When set to 1, both left- and right-channel DAC outputs are muted at the same time. This muting is done by attenuating the data in the digital filter, so there is no audible click noise when soft mute is turned on. MUT MUTE STATUS 0 Mute disabled (default) 1 Mute enabled res: Bits 15–11: Reserved These bits are reserved and should be set to 0. A[1:0] Bits 10, 9: Register address These bits define the address for register 3: A1 A0 REGISTER 1 1 Register 3 res: Bits 8–6: Reserved These bits are reserved and should be set to 0. LOP: Bit 5: ADC to DAC loopback control When this bit is set to 1, the ADC audio data is sent directly to the DAC. The data format defaults to I2S; DOUT is still available in loopback mode. LOP LOOPBACK STATUS 0 Loopback disabled (default) 1 Loopback enabled res: Bit 4: Reserved This bit is reserved and should be set to 0. FMT[1:0] Bits 3–2: Audio data format select These bits determine the input and output audio data formats. FMT1 FMT0 DAC DATA FORMAT ADC DATA FORMAT NAME 0 0 16-bit, MSB-first, right-justified 16-bit, MSB-first, left-justified Format 0 (default) 0 1 20-bit, MSB-first, right-justified 20-bit, MSB-first, left-justified Format 1 1 0 20-bit, MSB-first, left-justified 20-bit, MSB-first, left-justified Format 2 1 1 20-bit, MSB-first, I2S 20-bit, MSB-first, I2S Format 3 LRP: Bit 1: ADC to DAC LRCIN polarity select Polarity of LRCIN applies only to formats 0 through 2. LRP LEFT/RIGHT POLARITY 0 Left channel is H, right channel is L (default). 1 Left channel is L, right channel is H. 30 |