| Zakładka z wyszukiwarką danych komponentów |
|
PCM3003E.B Arkusz danych(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM3003E.B Arkusz danych(HTML) 28 Page - Texas Instruments |
|
28 / 42 page ![]() www.ti.com PROGRAM REGISTER 1 PROGRAM REGISTER 2 PCM3002 PCM3003 SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004 A[1:0] Bits 10, 9: Register address These bits define the address for register 0: A1 A0 REGISTER 0 0 Register 0 LDL Bit 8: DAC attenuation data load control for left channel This bit is used to set analog outputs of the left and right channels simultaneously. The output level is controlled by AL[7:0] attenuation data when this bit is set to 1. When set to 0, the new attenuation data is ignored, and the output level remains at the previous attenuation level. The LDR bit in register 1 has the equivalent function as LDL. When either LDL or LDR is set to 1, the output levels of the left and right channels are controlled simultaneously. AL (7:0) Bits 7–0: DAC attenuation data for left channel AL7 and AL0 are the MSB and LSB, respectively. The attenuation level (ATT) is given by: ATT = 20 × log 10 (AL[7:0]/256) [dB], except AL[7:0] = FFh AL[7:0] ATTENUATION LEVEL 00h – ∞dB (mute) 01h –48.16 dB : : FEh –0.07 dB FFh 0 dB (default) res: Bits 15–11: Reserved These bits are reserved and should be set to 0. A[1:0] Bits 10, 9: Register address These bits define the address for register 1: A1 A0 REGISTER 0 1 Register 1 LDR Bit 8: DAC attenuation data load control for right channel This bit is used to set analog outputs of the left and right channels simultaneously. The output level is controlled by AR[7:0] attenuation data when this bit is set to 1. When set to 0, the new attenuation data is ignored, and the output level remains at the previous attenuation level. The LDL bit in register 0 has the equivalent function as LDR. When either LDL or LDR is set to 1, the output levels of the left and right channels are controlled simultaneously. AR[7:0] Bits 7–0: DAC attenuation data for right channel AR7 and AR0 are the MSB and LSB, respectively. ATT = 20 × log 10 (AR[7:0]/256) [dB], except AR[7:0] = FFh AR[7:0] ATTENUATION LEVEL 00h – ∞dB (mute) 01h –48.16 dB : : FEh –0.07 dB FFh 0 dB (default) res: Bits 15–11: Reserved These bits are reserved and should be set to 0. 28 |