Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EVLDRIVE102BH Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części EVLDRIVE102BH
Szczegółowy opis  STDRIVE102BH evaluation board for three-phase brushless motors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLDRIVE102BH Arkusz danych(HTML) 2 Page - STMicroelectronics

  EVLDRIVE102BH Datasheet HTML 1Page - STMicroelectronics EVLDRIVE102BH Datasheet HTML 2Page - STMicroelectronics EVLDRIVE102BH Datasheet HTML 3Page - STMicroelectronics EVLDRIVE102BH Datasheet HTML 4Page - STMicroelectronics EVLDRIVE102BH Datasheet HTML 5Page - STMicroelectronics EVLDRIVE102BH Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The EVLDRIVE102BH evaluation board can support FOC and six-step motion control algorithms. In case the
motor is equipped with positioning sensors, they can be connected to the connector for Hall-effect based sensors
and for the encoder, in order to increase the precision of the control algorithms. Nevertheless, sensorless control
algorithms can be implemented as well: each output phase of the inverter has a read-out network, which allows
the sensing of the phase voltage/BEMF of the motor. In addition, the bus voltage sensing present on the board
ensures that the control algorithms are properly implemented.
The EVLDRIVE102BH evaluation board is compatible with a wide range of Nucleo control boards, thus allowing
the evaluation of the STDRIVE102BH together with different STM32 microcontrollers.
EVLDRIVE102BH
DB5414 - Rev 1
page 2/6



Html Pages

1 2 3 4 5 6