| Zakładka z wyszukiwarką danych komponentów |
|
K3HB-R Arkusz danych(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
K3HB-R Arkusz danych(HTML) 5 Page - Omron Electronics LLC |
|
5 / 17 page ![]() 5 K3HB-R F3 Error ratio Multiplies the error between input A and input B ( −1) by 100 and displays the ratio as a percentage (%). Display unit: % Measuring the line speed error ratio between two conveyors F4 Rotational difference Displays the difference between input A and input B (B − A) as the rotation (rpm) speed error or circumferential speed error. Display unit: rpm, rps, rph, Hz, kHz, mm/s, m/s m/min, km/h l/min, l/h, etc. Measuring the rotation (rpm)/circumferential speed error (absolute error) between two conveyors F5 Flow rate ratio Displays the flow rate ratio of B from inputs A and B ( ) as a ratio (%). Display unit: % Monitoring liquid mixture flow rate ratio F6 Passing time The passing time for the desired distance is displayed by measuring the frequency of input A. Passing time (s) = 1/ƒa × α ƒa: Input frequency (Hz) Set the prescale value for the desired display unit using the following table for reference. N = Pulses per rotation πd = Circumferential length per rotation (m) L = Length of process (m) Display unit: Seconds (s), minutes (min), hours/minutes/seconds (h.min.s), minutes/seconds/tenths of seconds (min.s.1/10s), etc. Displaying the passing time for a conveyor line Function Operation Operation image (application) B A Communications output (remote monitoring) To computer ⎛ ⎜ ⎜ ⎜ ⎜ ⎝ ⎞ ⎟ ⎟ ⎟ ⎟ ⎠ H HH PASS L LL Warning B A+B Linear output Recording meter Calculation Display unit Prescale value ( α) Passing time s L/( πd/N) ⎛ ⎜ ⎜ ⎜ ⎜ ⎝ ⎞ ⎟ ⎟ ⎟ ⎟ ⎠ H PASS L Warning output Distance |