| Zakładka z wyszukiwarką danych komponentów |
|
TSL1014IFT Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSL1014IFT Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 15 page ![]() Absolute maximum ratings and operating conditions TSL1014 2/15 1 Absolute maximum ratings and operating conditions Table 1. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage (VDD-VSS)18 V VIN Input voltage VSS -0.5V to VDD +0.5V V IOUT Output current (A to N buffers) Output current (Com buffer) 30 100 mA ISC Short circuit current (A to N buffers) Short circuit current (Com buffer) ±120 ±300 mA PD Power dissipation(1) for TQFP48 1. PD is calculated with Tamb = 25°C, TJ = 150°C and RTHJA = 85°C/W for the TQFP48 package. 1470 mW RTHJA Thermal resistance junction to ambient for TQFP48 85 °C/W TLEAD Lead temperature (soldering 10 seconds) 260 °C TSTG Storage temperature -65 to +150 °C TJ Junction temperature 150 °C ESD Human body model (HBM)(2) 2. Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a 1.5k Ω resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 2000 V Machine model (MM)(3) 3. Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations while the other pins are floating. 200 V Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage (VDD-VSS) 5.5 to 16.8 V Tamb Ambient temperature -40 to +85 °C VIN Input voltage (Buffers A & B) VSS +1.5V to VDD V Input voltage (Buffers C to N + COM) VSS to VDD -1.5V |