Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP50LV Arkusz danych(PDF) 1 Page - Inchange Semiconductor Company Limited

Numer części TIP50LV
Szczegółowy opis  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP50LV Arkusz danych(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIP50LV Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP50LV Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon NPN Power Transistor
TIP50LV
www.iscsemi.com
1
DESCRIPTION
·
DC Current Gain -hFE = 100-160@ IC=1A
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 260V(Min)
APPLICATIONS
· Designed for use in general purpose power amplifier and
switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
300
V
VCEO
Collector-Emitter Voltage
260
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
6
A
ICM
Collector Current-Peak
10
A
IB
Base Current
2
A
PD
Collector Power Dissipation
TC=25℃
50
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.5
℃
/W
3
2
1
TO-220C Package
Pin 1 Base
2 Collector
3 Emitter


Podobny numer części - TIP50LV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP50 MOSPEC-TIP50 Datasheet
130Kb / 3P
POWER TRANSISTORS(1.0A,250-400V,40W)
logo
Motorola, Inc
TIP50 MOTOROLA-TIP50 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP50 POINN-TIP50 Datasheet
119Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP50 STMICROELECTRONICS-TIP50 Datasheet
49Kb / 4P
SILICON NPN SWITCHING TRANSISTORS
Oct-1999
More results

Podobny opis - TIP50LV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com