Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FT-R40 Arkusz danych(PDF) 5 Page - Panasonic Semiconductor

Numer części FT-R40
Szczegółowy opis  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R40 Arkusz danych(HTML) 5 Page - Panasonic Semiconductor

  FT-R40 Datasheet HTML 1Page - Panasonic Semiconductor FT-R40 Datasheet HTML 2Page - Panasonic Semiconductor FT-R40 Datasheet HTML 3Page - Panasonic Semiconductor FT-R40 Datasheet HTML 4Page - Panasonic Semiconductor FT-R40 Datasheet HTML 5Page - Panasonic Semiconductor FT-R40 Datasheet HTML 6Page - Panasonic Semiconductor FT-R40 Datasheet HTML 7Page - Panasonic Semiconductor FT-R40 Datasheet HTML 8Page - Panasonic Semiconductor FT-R40 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
171 DigitalFiberSensorFX-410SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
LIST OF FIBERS
Model No.
Sensing range (mm in) (Note 1)
Dimensions
Red LED
Blue LED
Green LED
U-LG
STD
FAST
U-LG
STD
FAST
U-LG
STD
FAST
FT-140
19,600 771.654 (Note 2) 16,000 629.921 15,000 590.551 14,000 551.181 3,300 129.921 2,200 86.614 9,500 374.016 2,500 98.425 1,800 70.866 P.51
FT-30
600 23.622
145 5.709
95 3.740
90 3.543
24 0.945
15 0.591
45 1.772
12 0.472
8 0.315 P.51
FT-31
540 21.260
140 5.512
85 3.346
85 3.346
20 0.787
14 0.551
38 1.496
10 0.394
7 0.276 P.51
FT-31S
540 21.260
140 5.512
85 3.346
85 3.346
20 0.787
14 0.551
38 1.496
10 0.394
7 0.276 P.51
FT-31W
380 14.961
80 3.150
55 2.165
53 2.087
16 0.630
9 0.354
28 1.102
7 0.276
4 0.157 P.51
FT-40
1,600 62.922
345 13.583
245 9.646
250 9.843
65 2.559
45 1.772
140 5.512
40 1.575
25 0.984 P.51
FT-42
1,550 61.024
340 13.386
240 9.449
230 9.055
60 2.362
40 1.575
125 4.921
33 1.299
22 0.866 P.51
FT-42S
1,550 61.024
340 13.386
240 9.449
230 9.055
60 2.362
40 1.575
125 4.921
33 1.299
22 0.866 P.51
FT-42W
1,300 51.181
290 11.417
210 8.268
220 8.661
57 2.244
33 1.299
110 4.331
32 1.260
19 0.748 P.51
FT-43
2,200 86.614
450 17.717
310 12.205
460 18.110
120 4.724
75 2.953
250 9.843
62 2.441
44 1.732 P.51
FT-45X
1,600 62.992
370 14.567
280 11.024
260 10.236
64 2.520
45 1.772
130 5.118
34 1.339
23 0.906 P.52
FT-A11
3,600 141.732 (Note 2) 2,400 94.488 1,800 70.866 1,300 51.181
350 13.780
220 8.661
770 30.315
190 7.480
120 4.724 P.52
FT-A11W
3,600 141.732 (Note 2) 2,500 98.425 2,000 78.740 1,300 51.181
350 13.780
220 8.661
550 21.654
150 5.906
130 5.118 P.52
FT-A32
3,600 141.732 (Note 2) 3,600 141.732 (Note 2) 3,600 141.732 (Note 2) 2,500 98.425
750 29.528
380 14.961 1,500 59.055
220 8.661
130 5.118 P.52
FT-A32W
3,600 141.732 (Note 2) 3,600 141.732 (Note 2) 3,600 141.732 (Note 2) 3,400 133.858
800 31.496
470 18.504 2,100 82.677
330 12.992
140 5.512 P.52
FT-AL05
1,100 43.307
240 9.449
180 7.087
220 8.661
55 2.165
35 1.378
125 4.921
30 1.181
20 0.787 P.52
FT-E13
30 1.181
7 0.276
5 0.197
2.5 0.098
–
–
1 0.039
–
–
P.52
FT-E23
110 4.331
20 0.787
15 0.591
12 0.472
3 0.118
2 0.079
6 0.236
1 0.039
–
P.52
FT-H13-FM2
1,100 43.307
280 11.024
200 7.874
50 1.969
13 0.512
9 0.354
150 5.906
16 0.630
10 0.394 P.52
FT-H20-J20-S (Note 3)
700 27.559
160 6.299
110 4.331
120 4.724
20 0.787
–
60 2.362
–
–
P.53
FT-H20-J30-S (Note 3)
700 27.559
160 6.299
110 4.331
120 4.724
20 0.787
–
60 2.362
–
–
P.53
FT-H20-J50-S (Note 3)
700 27.559
160 6.299
110 4.331
120 4.724
20 0.787
–
60 2.362
–
–
P.53
FT-H20-M1
550 21.654
150 5.906
100 3.937
100 3.937
25 0.984
20 0.787
65 2.559
17 0.669
12 0.472 P.53
FT-H20-VJ50-S (Note 3) 1,100 43.307
240 9.449
170 6.693
170 6.693
35 1.378
–
90 3.543
–
–
P.53
FT-H20-VJ80-S (Note 3) 1,100 43.307
240 9.449
170 6.693
170 6.693
35 1.378
–
90 3.543
–
–
P.53
FT-H20W-M1
400 15.748
110 4.331
80
3.15
75 2.953
19 0.748
13 0.512
58 2.283
13 0.512
9 0.354 P.53
FT-H30-M1V-S (Note 4)
390 15.354
100 3.937
70 2.756
75 2.953
20 0.787
15 0.591
55 2.165
13 0.512
10 0.394 P.53
FT-H35-M2
600 23.622
150 5.906
110 4.331
115 4.528
28 1.102
20 0.787
90 3.543
20 0.787
14 0.551 P.53
FT-H35-M2S6
600 23.622
150 5.906
110 4.331
115 4.528
28 1.102
20 0.787
90 3.543
20 0.787
14 0.551 P.53
FT-HL80Y
3,500 137.795 (Note 2)
800 31.496
550 21.654
150 5.906
35 1.378
20 0.787
200 7.874
55 2.165
35 1.378 P.53
FT-KS40
3,600 141.732 (Note 2) 2,000 78.740 1,900 74.803 1,000 39.370
270 10.630
190 7.480
590 23.228
130 5.118
53 2.087 P.54
FT-KV26
880 34.646
170 6.693
120 4.724
130 5.118
31 1.220
–
90 3.543
18 0.709
–
P.54
FT-KV40
3,600 141.732 (Note 2) 1,700 66.929 1,300 51.181 1,200 47.244
310 12.205
190 7.480
800 31.496
190 7.480
120 4.724 P.54
FT-KV40W
3,600 141.732 (Note 2) 1,600 62.992 1,100 43.307
900 35.433
270 10.630
140 5.512
420 16.535
100 3.937
65 2.559 P.54
FT-L80Y
3,500 137.795 (Note 2)
900 35.433
600 23.622
250 9.843
60 2.362
40 1.575
300 11.811
70 2.756
45 1.772 P.54
FT-R31
380 14.961
79 3.110
56 2.205
80 3.150
20 0.787
13 0.512
38 1.496
10 0.394
7 0.276 P.54
FT-R40
1,200 47.244
240 9.449
170 6.693
200 7.874
50 1.969
32 1.260
100 3.937
28 1.102
19 0.748 P.54
FT-R41W
1,200 47.244
290 11.417
200 7.874
220 8.661
57 2.244
33 1.299
100 3.937
26 1.024
18 0.709 P.54
FT-R42W
3,600 141.732 (Note 2)
990 38.976
740 29.134
310 12.205
75 2.953
58 2.283
270 10.630
70 2.756
50 1.969 P.54
FT-R43
1,200 47.244
230 9.055
160 6.299
200 7.874
50 1.969
32 1.260
100 3.937
26 1.024
18 0.709 P.54
FT-R44Y
1,200 47.244
230 9.055
160 6.299
200 7.874
50 1.969
32 1.260
100 3.937
26 1.024
18 0.709 P.55
FT-R60Y
3,600 141.732 (Note 2)
750 29.528
540 21.260
560 22.047
140 5.512
90 3.543
290 11.417
75 2.953
50 1.969 P.55
FT-S11
150 5.906
30 1.181
20 0.787
21 0.827
5 0.197
3.5 0.138
12 0.472
2 0.079
1.5 0.059 P.55
FT-S20
600 23.622
145 5.709
95 3.740
90 3.543
24 0.945
15 0.591
45 1.772
12 0.472
8 0.315 P.55
FT-S21
540 21.260
140 5.512
85 3.346
85 3.346
20 0.787
14 0.551
38 1.496
10 0.394
7 0.276 P.55
Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
2) The fiber cable length practically limits the sensing range.
3) Heat-resistant joint fibers and ordinary-temperature fibers (
FT-42) are sold as a set.
4) Sold as a set comprising vacuum type fiber + photo-terminal (
FV-BR1) + fiber at atmospheric side (FT-J8).
Thru-beam type (one pair set)
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16