Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MY5401 Arkusz danych(PDF) 2 Page - Astrosyn International Technology Ltd.

Numer części MY5401
Szczegółowy opis  Size 11 Mini Hybrid Stepper Motors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTROSYN [Astrosyn International Technology Ltd.]
Strona internetowa  https://www.astrosyn.com/
Logo ASTROSYN - Astrosyn International Technology Ltd.

MY5401 Arkusz danych(HTML) 2 Page - Astrosyn International Technology Ltd.

  MY5401 Datasheet HTML 1Page - Astrosyn International Technology Ltd. MY5401 Datasheet HTML 2Page - Astrosyn International Technology Ltd. MY5401 Datasheet HTML 3Page - Astrosyn International Technology Ltd. MY5401 Datasheet HTML 4Page - Astrosyn International Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Size 14 Mini Hybrid Stepper Motor
(with connector block)
0
1
2
3
4
5
6
7
8
9
10
100
1000
10000
100000
pps
MY4001 Pull Out
Pull In
High accuracy
Low noise
Low inertia
General Specifications
Step Accuracy:
Maximum angular deviation is
±5% of one step
Radial Play:
Maximum 0.02mm at 450g
End Play:
Maximum 0.08mm at 450g
Insulation Resistance: Minimum 100MΩ at 500V dc
Insulation Class:
B
Temperature Rise:
Maximum 80°C
Step
Angle
Holding
Torque
No. of
Leads
Phase
Current
Phase
Resistance
Phase
Inductance
Rotor
Inertia
Detent
Torque
Mass
Body
Length (L)
Model
Deg
N-cm
A
Ω
mH
g-cm2
g-cm
g
mm
MY4001
1.8
11
4
0.75
5.7
7
14
120
180
34
Dimensions (mm)
Astrosyn International Technology Ltd, The Old Courthouse, New Rd Ave, Chatham, Kent ME4 6BE, England
Tel: +44(0)1634 815175
Fax: +44(0)1634 826552



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com