Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IPC960A Arkusz danych(PDF) 3 Page - Axiomtek Co., Ltd.

Numer części IPC960A
Szczegółowy opis  Fanless Industrial System with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3 or Celeron® Processor, Intel® H610E/Q670E, and Front-access I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC960A Arkusz danych(HTML) 3 Page - Axiomtek Co., Ltd.

  IPC960A Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC960A Datasheet HTML 2Page - Axiomtek Co., Ltd. IPC960A Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
* All specifications and photos are subject to change without notice.
© 2025 Axiomtek Co., Ltd. All rights reserved.
Updated Feb. 24, 2025.
Power Protection
DC version
OVP (over voltage protection)
OCP (over current protection)
Reverse protection
Packing List
1 x IPC960A unit
1 x Screw pack
4 x Foot pad
1 x CPU grease
1 x 4-pin terminal block for DC powe input
1 x 4-pin terminal block for Ignition
1 x Remote power switch cable
Dimensions
Wall mount (op�onal)
83.5±2(W)
10.00
83.5±2(W)
95.00
4.50
4.50
Optional Accessory
2.5" SATA HDD/SSD
DDR5 non-ECC SO-DIMM
E29R127110
Wall mount bracket kit
E29R127106
DIN-rail kit
E29R127105
Bookshelf kit (project-based support)
509000001500
AC to DC adapter 24V 120W Wire type
50906A24000E
AC to DC adapter 24V 230W Wire type
Ordering Information



Html Pages

1 2 3