| Zakładka z wyszukiwarką danych komponentów |
|
STCMB1 Arkusz danych(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCMB1 Arkusz danych(HTML) 20 Page - STMicroelectronics |
|
20 / 59 page ![]() Application information STCMB1 20/59 DocID028958 Rev 4 Figure 8. Conventional COT controlled TM PFC waveforms The enhanced constant on-time (ECOT) control integrated in the STCMB1 is a proprietary solution that outperforms the typical THD performance of the conventional COT control. The idea is to cancel out the constant term “(x)” in Equation 3 with a corresponding positive term. This can be done by delaying the instant start of the timer that sets the on-time until the inductor current reaches a preset value ILth. In this way it is no longer the ON-time TON of the power switch that is controlled (and kept constant) but the time TON_C defined as: Equation 4 (y) Of course, the on-time TON will no longer be constant as in the conventional COT: Equation 5 C _ ON pk _ in Lth Lpk T L sin V I I L sin V I I T T pk _ in Lvy Lth C _ ON ON |