| Zakładka z wyszukiwarką danych komponentów |
|
STM32H523VCK7TR Arkusz danych(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H523VCK7TR Arkusz danych(HTML) 16 Page - STMicroelectronics |
|
16 / 228 page ![]() Description STM32H523xx 16/228 DS14540 Rev 1 True random number generator Yes Public key accelerator (PKA) ECDSA signature verification HASH (SHA-512) Yes GPIOs 26 35 49 80 112 Wakeup pins 4 4 6 7 7 Number of I/Os down to 1.08 V N/A N/A N/A 4 10 ADC 12-bit ADC 2 Number of channels 10 16 20 DAC 12-bit DAC controller 1 Number of channels 2 Internal voltage reference buffer No Yes Maximum CPU frequency 250 MHz Operating voltage 1.71 to 3.6 V Operating temperature Ambient operating temperature: – -40 to 85 °C / to -105 °C, up to 125 °C at low dissipation Junction temperature: – Voltage range VOS0 (up to 250 MHz): Tj from -40 to 105 °C – Voltage range VOS1 (up to 200 MHz): Tj from -40 to 130 °C Package WLCSP39 UFQFPN48/ LQFP48 LQFP64 LQFP100/ UFBGA100 LQFP144/ UFBGA144 Table 2. STM32H523xx features and peripheral counts (continued) Peripherals |