Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F207VCY6VTR Arkusz danych(PDF) 45 Page - STMicroelectronics

Numer części STM32F207VCY6VTR
Szczegółowy opis  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCY6VTR Arkusz danych(HTML) 45 Page - STMicroelectronics

Back Button STM32F207VCY6VTR Datasheet HTML 41Page - STMicroelectronics STM32F207VCY6VTR Datasheet HTML 42Page - STMicroelectronics STM32F207VCY6VTR Datasheet HTML 43Page - STMicroelectronics STM32F207VCY6VTR Datasheet HTML 44Page - STMicroelectronics STM32F207VCY6VTR Datasheet HTML 45Page - STMicroelectronics STM32F207VCY6VTR Datasheet HTML 46Page - STMicroelectronics STM32F207VCY6VTR Datasheet HTML 47Page - STMicroelectronics STM32F207VCY6VTR Datasheet HTML 48Page - STMicroelectronics STM32F207VCY6VTR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 184 page
background image
DocID15818 Rev 15
45/184
STM32F20xxx
Pinouts and pin description
183
Figure 14. STM32F20x LQFP176 pinout
1. RFU means “reserved for future use”. This pin can be tied to VDD,VSS or left unconnected.
2. The above figure shows the package top view.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More