| Zakładka z wyszukiwarką danych komponentów |
|
DM-CENTRO-C Arkusz danych(PDF) 7 Page - DemoPad Software Ltd |
|
|
|||||||||||||||||||||||||||||
DM-CENTRO-C Arkusz danych(HTML) 7 Page - DemoPad Software Ltd |
|
7 / 12 page ![]() 7 3. FEATURES Vast array of connectivity ports With 50 individual ports, some of which are capable of controlling several pieces of equipment, the CENTRO-C is suitable for any size of installation. Multiple TCP Clients Allows connection of multiple simultaneous client devices (iOS/ Android etc) Control System Independent You can use the CENTRO-C gateway with either the DemoPad control system, or any other 3rd party control system capable of communicating via TCP/IP. Expandable For larger systems, multiple CENTRO-C units can exist on the same network. Firmware Updates via USB The included USB cable can be used to upgrade the unit's firmware once it has left the factory. Auto Notification of Events 2-way feedback data from RS232 ports and inputs are automatically sent to any connected client devices. |