Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F205VCH7V Arkusz danych(PDF) 43 Page - STMicroelectronics

Numer części STM32F205VCH7V
Szczegółowy opis  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VCH7V Arkusz danych(HTML) 43 Page - STMicroelectronics

Back Button STM32F205VCH7V Datasheet HTML 39Page - STMicroelectronics STM32F205VCH7V Datasheet HTML 40Page - STMicroelectronics STM32F205VCH7V Datasheet HTML 41Page - STMicroelectronics STM32F205VCH7V Datasheet HTML 42Page - STMicroelectronics STM32F205VCH7V Datasheet HTML 43Page - STMicroelectronics STM32F205VCH7V Datasheet HTML 44Page - STMicroelectronics STM32F205VCH7V Datasheet HTML 45Page - STMicroelectronics STM32F205VCH7V Datasheet HTML 46Page - STMicroelectronics STM32F205VCH7V Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 184 page
background image
DocID15818 Rev 15
43/184
STM32F20xxx
Pinouts and pin description
183
Figure 12. STM32F20x LQFP100 pinout
1. RFU means “reserved for future use”. This pin can be tied to VDD,VSS or left unconnected.
2. The above figure shows the package top view.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More