| Zakładka z wyszukiwarką danych komponentów |
|
SN74LVC2G32 Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC2G32 Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 26 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) SN74LVC2G32DCTR Active Production SSOP (DCT) | 8 3000 | LARGE T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (2WQ5, C32) (R, Z) SN74LVC2G32DCTR.B Active Production SSOP (DCT) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (2WQ5, C32) (R, Z) SN74LVC2G32DCTRE4 Active Production SSOP (DCT) | 8 3000 | null Yes NIPDAU | NIPDAU Level-1-260C-UNLIM -40 to 125 C32 (R, Z) SN74LVC2G32DCTRE4.B Active Production SSOP (DCT) | 8 3000 | null Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C32 (R, Z) SN74LVC2G32DCTRG4 Active Production SSOP (DCT) | 8 3000 | LARGE T&R Yes NIPDAU | NIPDAU Level-1-260C-UNLIM -40 to 125 C32 (R, Z) SN74LVC2G32DCTRG4.B Active Production SSOP (DCT) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C32 (R, Z) SN74LVC2G32DCUR Active Production VSSOP (DCU) | 8 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (C32J, C32Q, C32R) CR SN74LVC2G32DCUR.B Active Production VSSOP (DCU) | 8 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (C32J, C32Q, C32R) CR SN74LVC2G32DCURE4 Active Production VSSOP (DCU) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C32R SN74LVC2G32DCURG4 Active Production VSSOP (DCU) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C32R SN74LVC2G32DCURG4.B Active Production VSSOP (DCU) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C32R SN74LVC2G32DCUT Active Production VSSOP (DCU) | 8 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (C32J, C32Q, C32R) CR SN74LVC2G32DCUT.B Active Production VSSOP (DCU) | 8 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 (C32J, C32Q, C32R) CR SN74LVC2G32DCUTG4.B Active Production VSSOP (DCU) | 8 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C32R SN74LVC2G32YZPR Active Production DSBGA (YZP) | 8 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 85 CGN SN74LVC2G32YZPR.B Active Production DSBGA (YZP) | 8 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 CGN (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |