| Zakładka z wyszukiwarką danych komponentów |
|
SN74LVC2GU04DBVT.B Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC2GU04DBVT.B Arkusz danych(HTML) 3 Page - Texas Instruments |
|
3 / 20 page ![]() SN74LVC2GU04 www.ti.com SCES197N – APRIL 1999 – REVISED DECEMBER 2013 Recommended Operating Conditions (1) MIN MAX UNIT VCC Supply voltage 1.65 5.5 V VIH High-level input voltage IO = –100 µA 0.75 × VCC V VIL Low-level input voltage IO = 100 µA 0.25 × VCC V VI Input voltage 0 5.5 V VO Output voltage 0 VCC V VCC = 1.65 V –4 VCC = 2.3 V –8 IOH High-level output current –16 mA VCC = 3 V –24 VCC = 4.5 V –32 VCC = 1.65 V 4 VCC = 2.3 V 8 IOL Low-level output current 16 mA VCC = 3 V 24 VCC = 4.5 V 32 TA Operating free-air temperature –40 125 °C (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. Electrical Characteristics over recommended operating free-air temperature range (unless otherwise noted) –40°C to 85°C –40°C to 125°C PARAMETER TEST CONDITIONS VCC UNIT MIN TYP(1) MAX MIN TYP(1) MAX VCC – VCC – IOH = –100 µA 1.65 V to 5.5 V 0.1 0.1 IOH = –4 mA 1.65 V 1.2 1.2 IOH = –8 mA 2.3 V 1.9 1.9 VOH VIL = 0 V V IOH = –16 mA 2.4 2.4 3 V IOH = –24 mA 2.3 2.3 IOH = –32 mA 4.5 V 3.8 3.8 IOL = 100 µA 1.65 V to 5.5 V 0.1 0.1 IOL = 4 mA 1.65 V 0.45 0.45 IOL = 8 mA 2.3 V 0.3 0.3 VOL VIH = VCC V IOL = 16 mA 0.4 0.4 3 V IOL = 24 mA 0.55 0.55 IOL = 32 mA 4.5 V 0.55 0.55 II A inputs VI = 5.5 V or GND 0 to 5.5 V ±5 ±5 µA ICC VI = 5.5 V or GND, IO = 0 1.65 V to 5.5 V 10 10 µA CI VI = VCC or GND 3.3 V 7 pF (1) All typical values are at VCC = 3.3 V, TA = 25°C. Switching Characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) SN74LVC2GU04 –40°C to 85°C FROM TO PARAMETER VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 5 V UNIT (INPUT) (OUTPUT) ± 0.15 V ± 0.2 V ± 0.3 V ± 0.5 V MIN MAX MIN MAX MIN MAX MIN MAX tpd A Y 1.2 5.5 1 4 1.1 3.7 1 3 ns Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: SN74LVC2GU04 |