Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F205VCT7 Arkusz danych(PDF) 61 Page - STMicroelectronics

Numer części STM32F205VCT7
Szczegółowy opis  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VCT7 Arkusz danych(HTML) 61 Page - STMicroelectronics

Back Button STM32F205VCT7 Datasheet HTML 57Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 58Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 59Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 60Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 61Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 62Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 63Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 64Page - STMicroelectronics STM32F205VCT7 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 184 page
background image
Table 10. Alternate function mapping
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF014
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/11
I2C1/I2C2/I2C3 SPI1/SPI2/I2S2
SPI3/I2S3
USART1/2/3
UART4/5/
USART6
CAN1/CAN2/
TIM12/13/14
OTG_FS/ OTG_HS
ETH
FSMC/SDIO/
OTG_HS
DCMI
Port A
PA0-WKUP
-
TIM2_CH1_ETR
TIM 5_CH1
TIM8_ETR
-
-
USART2_CTS
UART4_TX
-
-
ETH_MII_CRS
-
-
-
EVENTOUT
PA1
-
TIM2_CH2
TIM5_CH2
-
-
-
USART2_RTS
UART4_RX
-
-
ETH_MII
_RX_CLK
ETH_RMII
_REF_CLK
--
-
EVENTOUT
PA2
-
TIM2_CH3
TIM5_CH3
TIM9_CH1
-
-
USART2_TX
-
-
-
ETH_MDIO
-
-
-
EVENTOUT
PA3
-
TIM2_CH4
TIM5_CH4
TIM9_CH2
-
-
USART2_RX
-
-
OTG_HS_ULPI_D0 ETH _MII_COL
-
-
-
EVENTOUT
PA4
-
-
-
-
-
SPI1_NSS
SPI3_NSS
I2S3_WS
USART2_CK
-
-
-
OTG_HS_SOF
DCMI_HSYNC
-
EVENTOUT
PA5
-
TIM2_CH1_ETR
-
TIM8_CH1N
-
SPI1_SCK
-
-
-
-
OTG_HS_ULPI_C
K
-
-
-
-
EVENTOUT
PA6
-
TIM1_BKIN
TIM3_CH1
TIM8_BKIN
-
SPI1_MISO
-
-
-
TIM13_CH1
-
-
-
DCMI_PIXCK
-
EVENTOUT
PA7
-
TIM1_CH1N
TIM3_CH2
TIM8_CH1N
-
SPI1_MOSI
-
-
-
TIM14_CH1
-
ETH_MII _RX_DV
ETH_RMII
_CRS_DV
--
-
EVENTOUT
PA8
MCO1
TIM1_CH1
-
-
I2C3_SCL
-
-
USART1_CK
-
-
OTG_FS_SOF
-
-
-
-
EVENTOUT
PA9
-
TIM1_CH2
-
-
I2C3_SMBA
-
-
USART1_TX
-
-
-
-
DCMI_D0
-
EVENTOUT
PA10
-
TIM1_CH3
-
-
-
-
-
USART1_RX
-
-
OTG_FS_ID
-
-
DCMI_D1
-
EVENTOUT
PA11
-
TIM1_CH4
-
-
-
-
-
USART1_CTS
-
CAN1_RX
OTG_FS_DM
-
-
-
-
EVENTOUT
PA12
-
TIM1_ETR
-
-
-
-
-
USART1_RTS
-
CAN1_TX
OTG_FS_DP
-
-
-
-
EVENTOUT
PA13
JTMS-
SWDIO
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PA14
JTCK-
SWCLK
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PA15
JTDI
TIM 2_CH1
TIM 2_ETR
-
-
-
SPI1_NSS
SPI3_NSS
I2S3_WS
-
-
-
-
-
-
-
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More