| Zakładka z wyszukiwarką danych komponentów |
|
MMF1WSCRG1R Arkusz danych(PDF) 4 Page - YAGEO Corporation |
|
|
|||||||||||||||||||||||||||||
MMF1WSCRG1R Arkusz danych(HTML) 4 Page - YAGEO Corporation |
|
4 / 8 page ![]() www.yageo.com Feb. 08, 2023 V.0 Melf Metal Film Resistors 4 8 Product Specification MMF Through Hole Resistors ELECTRICAL CHARACTERISTICS CHARACTERISTICS MMF-12 MMF25S MMF204 MMF-25 MMF50S MMF207 MMF-50 MMF1WS Power Rating at 70 °C 1/6W 1/4W 0.4W 1/4W 1/2W 0.6W 1/2W 1W Maximum Working Voltage 150V 200V 200V 250V 250V 250V 350V 350V Maximum Overload Voltage 300V 400V 400V 500V 500V 500V 700V 700V Voltage Proof on Insulation 300V 300V 300V 500V 500V 500V 700V 700V Resistance Range 0.22Ω ~ 3.9Ω for tol ±5%,E96 series value, 4Ω ~ 1MΩ for tol ±1% E24 + E96 series value Operating Temp. Range - 55°C to +155°C Temperature Coefficient ±15ppm/°C for 10R-9K99 , ±25ppm/°C for 100Ω-470KΩ,±50ppm/°C for 4Ω ~ 1MΩ, ±100ppm/°C for 0.22Ω ~ 3.9Ω Note: For resistance value out of above range is by request. TEST AND REQUIRMENTS TEST TEST METHOD PROCEDURE APPRAISE Short Time Overload IEC 60115-1 4.13 2.5 times RCWV for 5 sec.(Not more than maximum overload voltage) ±0.25%+0.005Ω for≤332KΩ ±0.5%+0.005Ω for>332KΩ Voltage Proof on Insulation IEC 60115-1 4.7 In V-Block for 60 sec. test voltage as above table No Breakdown Temperature Coefficient IEC 60115-1 4.8 Between -55°C to +155°C By Type Insulation Resistance IEC 60115-1 4.6 In V-Block for 60 sec. >10,000MΩ Solderability IEC 60115-1 4.17 245±5°C for 3±0.5 Sec. 95% Min. coverage Solvent Resistance of Marking IEC 60115-1 4.30 IPA for 5±0.5 Min. with ultrasonic No deterioration of coatings and markings Periodic-pulse Overload IEC 60115-1 4.39 4 times RCWV 10,000 cycles (1 Sec. on, 25 Sec.off) ±1.0%+0.005Ω Damp Heat Steady State IEC 60115-1 4.24 40±2°C,90-95% RH for 56 days, loaded with 0.1 times RCWV ±1.5%+0.005Ω for≤332KΩ ±2.5%+0.005Ω for>332KΩ Damp Heat Steady State (accelerated mode) IEC 60115-1 4.37 85±2°C,85% RH for 56 days, loaded with 0.1 times RCWV(no over 100V) ±3.0%+0.005Ω for≤332KΩ ±5.0%+0.005Ω for>332KΩ Endurance at 70°C IEC 60115-1 4.25 70±2°C at RCWV(or Umax., whichever less) for 1,000 Hr.(1.5 Hr.on,0.5 Hr. off) ±0.75%+0.005Ω for≤332KΩ ±1.0%+0.005Ω for>332KΩ Temperature Cycling IEC 60115-1 4.19 -55°C Room Temp. +155°C Room Temp.(5 cycles) ±0.75%+0.005Ω |