| Zakładka z wyszukiwarką danych komponentów |
|
MC3303 Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MC3303 Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 10 page ![]() MC3303 - MC3403 - MC3503 6/10 HIGH IMPEDANCE DIFFERENTIAL AMPLIFIER COMPARATOR WITH HYSTERESIS BI-QUAD FILTER FUNCTION GENERATOR 1/4 MC3403 1/4 MC3403 1/4 MC3403 e1 R1 a R1 b R1 1 C R R 1 C R R eo e2 eo = C (1 + a + b) ( - ) e1 e 2 R1 1/4 MC3403 VO V(ref) V I R2 VO Hysteresis V OH V OL V (ref) VIL VIH V = [V - V ] + V OL R1 R1+R2 (ref) (ref) V = [V - V ] + V OL R1 R1+R2 (ref) (ref) H = [V - V ] OL R1 R1+R2 IL IH OH 1/4 MC3403 1/4 MC3403 1/4 MC3403 1/4 MC3403 R R C C R 100k Ω 100k Ω C1 R2 e I V(ref) R2 R1 Bandpass output V(ref) V(ref) R3 V(ref) C1 Notch output R = 160k Ω C = 0.001 µ F R1 = 1.6M Ω R2 = 1.6M Ω R3 = 1.6M Ω T = Passband notch gain N Where T = Center frequency gain BP 1/4 MC3403 V(ref) V(ref) 1 2 V CC = Triangle wave output C 1/4 MC3403 R2 300k Ω Square wave output R3 75k Ω R1 100k Ω V(ref) R1 + R2 4 CR R1 f = f if R3 = R2 R1 R2 + R1 R f |