| Zakładka z wyszukiwarką danych komponentów |
|
USBUF02W6 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
USBUF02W6 Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() February 2006 Rev 5 1/11 11 USBUFxxW6 A. S. D. EMI filter and line termination for USB upstream ports Application EMI Filter and line termination for USB upstream ports on: ■ USB Hubs ■ PC peripherals Features ■ Monolithic device with recommended line termination for USB upstream ports ■ Integrated Rt series termination and Ct bypassing capacitors. ■ Integrated ESD protection ■ Small package size Description The USB specification requires upstream ports to be terminated with pull-up resistors from the D+ and D- lines to Vbus. On the implementation of USB systems, the radiated and conducted EMI should be kept within the required levels as stated by the FCC regulations. In addition to the requirements of termination and EMC compatibility, the computing devices are required to be tested for ESD susceptibility. The USBUFxxW6 provides the recommended line termination while implementing a low pass filter to limit EMI levels and providing ESD protection which exceeds IEC 61000-4-2 level 4 standard. The device is packaged in a SOT323-6L which is the smallest available lead frame package (50% smaller than the standard SOT23). Benefits ■ EMI / RFI noise suppression ■ Required line termination for USB upstream ports ■ ESD protection exceeding IEC 61000-4-2 level 4 ■ High flexibility in the design of high density boards ■ Tailored to meet USB 1.1 standard Figure 1. Functional diagram Complies with the following standards: Table 1. Order Codes Part Number Marking USBUF01W6 UU1 USBUF02W6 UU2 Rt Rp Ct CODE 01 33 Ω 1.5 k Ω 47 pF CODE 02 22 Ω 1.5 k Ω 47 pF Tolerance ± 10% ± 10% ± 20% IEC 61000-4-2, level 4 ± 15 kV (air discharge) ± 8 kV (contact discharge) MIL STD 883E, Method 3015-7 Class 3 C = 100 pF R = 1500 Ω 3 positive strikes and 3 negative strikes (F = 1 Hz) SOTT323-6L 3.3 V Rp Ct Rt Ct Rt D1 Grd D2 D4 D3 3.3 V www.st.com |
Podobny numer części - USBUF02W6 |
|
Podobny opis - USBUF02W6 |