Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IP101ALF-DS-R04 Arkusz danych(PDF) 18 Page - List of Unclassifed Manufacturers

Numer części IP101ALF-DS-R04
Szczegółowy opis  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF-DS-R04 Arkusz danych(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button IP101ALF-DS-R04 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP101ALF-DS-R04 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP101ALF-DS-R04 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP101ALF-DS-R04 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP101ALF-DS-R04 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP101ALF-DS-R04 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP101ALF-DS-R04 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP101ALF-DS-R04 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP101ALF-DS-R04 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
IP101A LF
Data Sheet
18/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
Register Descriptions (continued)
Register 6 defines more auto-negotiation registers to meet the requirement.
Bit
Name
Description/Usage
Default value
(h):
0000
Register 6 : Auto-Negotiation Expansion Register
15:5
Reserved
This bit is always set to 0.
0, RO
4
MLF
This status indicates if a multiple link fault has occurred.
1 = fault occurred
0 = no fault occurred
0, RO
3
LP_NP_ABLE
This status indicates if the link partner supports Next Page
negotiation.
1 = supported
0 = not supported
0, RO
2
NP_ABLE
This bit indicates if the device is able to send additional Next
Pages.
0, RO
1
PAGE_RX
This bit will be set if a new link code word page has been
received.
It
is
cleared
automatically
after
the
auto-negotiation link partner’s ability register (register 5) is
read by the management.
0, RO
0
LP_NW_ABLE
1 = link partner supports auto-negotiation.
0, RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36