Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IP178C-DS-R01 Arkusz danych(PDF) 82 Page - List of Unclassifed Manufacturers

Numer części IP178C-DS-R01
Szczegółowy opis  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R01 Arkusz danych(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R01 Datasheet HTML 78Page - List of Unclassifed Manufacturers IP178C-DS-R01 Datasheet HTML 79Page - List of Unclassifed Manufacturers IP178C-DS-R01 Datasheet HTML 80Page - List of Unclassifed Manufacturers IP178C-DS-R01 Datasheet HTML 81Page - List of Unclassifed Manufacturers IP178C-DS-R01 Datasheet HTML 82Page - List of Unclassifed Manufacturers IP178C-DS-R01 Datasheet HTML 83Page - List of Unclassifed Manufacturers IP178C-DS-R01 Datasheet HTML 84Page - List of Unclassifed Manufacturers IP178C-DS-R01 Datasheet HTML 85Page - List of Unclassifed Manufacturers IP178C-DS-R01 Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
82/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
PHY
MII
ROM
R/W
Description
Default
Spanning tree registers
31
14
93, 92
static_mac_0[15:0]
16’h0
31
15
95, 94
static_mac_0[31:16]
16’hc200
31
16
97, 96
static_mac_0[47:32]
8’h0180
31
17
99,98
[10]: static_overide_0
1: override the transmission, receiving and learning setting in
MII register 31.13.
0: not override
[9]: static_valid_0
1: the entry is valid
0: the entry is not valid
[8:0]: static_port_mask_0
Bit [8]: forward to port MII
Bit [7]: forward to port 7
Bit [6]: forward to port 6
Bit [5]: forward to port 5
Bit [4]: forward to port 4
Bit [3]: forward to port 3
Bit [2]: forward to port 2
Bit [1]: forward to port 1
Bit [0]: forward to port 0
16’h0500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93