| Zakładka z wyszukiwarką danych komponentów |
|
XC9237B3ACML Arkusz danych(PDF) 2 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC9237B3ACML Arkusz danych(HTML) 2 Page - Torex Semiconductor |
|
2 / 28 page ![]() 2/28 XC9235/XC9236/XC9237 Series PIN NUMBER SOT-25 USP-6C PIN NAME FUNCTION 1 6 VIN Power Input 2 2, 5 VSS Ground 3 4 CE / MODE Chip Enable Mode Switch 4 3 VOUT Output Voltage Sense 5 1 Lx Switching Output DESIGNATOR DESCRIPTION SYMBOL DESCRIPTION A : CE input logic High Active B : CE input logic High Active, high speed soft start, CL discharge ①. Transistor built-in, Output voltage internally set (VOUT product), Soft-start internally set C : CE input logic High Active, CL discharge ② Output Voltage 0~4 : Integer number of output voltage e.g. VOUT=2.8V→②=2, VOUT=3.3V→②=3 ③ Output Voltage 0~9, A~M : Decimal number of output voltage 50mV increments: 0.05=A, 0.15=B, 0.25=C, 0.35=D, 0.45=E, 0.55=F, 0.65=H, 0.75=K, 0.85=L, 0.95=M e.g. VOUT=2.8V→②=2, ③=8 VOUT=2.85V→②=2, ③=L C : 1.2MHz ④ Oscillation Frequency D : 3.0MHz M : SOT-25 (SOT-23-5) ⑤ Packages E : USP-6C R : Embossed tape, standard feed ⑥ Device Orientation L : Embossed tape, reverse feed 1 3 2 5 4 SOT-25 (Top View) USP-6C (BOTTOM VIEW) VSS CE/MODE VIN Lx VOUT CE/MODE 4 2 V SS V IN 6 1 Lx 3 V OUT V SS 5 ■PIN CONFIGURATION * Please short the VSS pin (No. 2 and 5). * The dissipation pad for the USP-6C package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the VSS (No. 5) pin. ■PIN ASSIGNMENT ■PRODUCT CLASSIFICATION ●Ordering Information XC9235①②③④⑤⑥ PWM fixed control XC9236①②③④⑤⑥ PWM / PFM automatic switching control XC9237①②③④⑤⑥ PWM fixed control PWM / PFM automatic switching, manual switching |