Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IP178C-DS-R09 Arkusz danych(PDF) 55 Page - List of Unclassifed Manufacturers

Numer części IP178C-DS-R09
Szczegółowy opis  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R09 Arkusz danych(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R09 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 56Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 57Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 58Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
55/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
PHY
MII
ROM
R/W
Description
Default
During SCA_mode, the SCA result for each port will be stored at MII_reg_05: Auto-Negotiation
Link Partner Base Page Ability. SCA setting register
5[15:14]
--
RO
SCA_line_state
These two bits indicate the cable status measured by SCA
operation.
3: test fail (not complete)
2: line okay
1: line open
0: line short
5[13:8]
--
RO
SCA_peak_val
These bits indicate the absolute value and the maximum
value of peak amplitude measured by SCA operation.
5[7:2]
--
RO
SCA_peak_pos[7:2]These bits indicate the position of peak
amplitude measured by SCA operation.
When cable status is open or short, the failure position is
approximated as (SCA_peak_pos[7:2] * 4) meters.
Ex: SCA_peak_pos[7:2] = 6’b011001, the failure position is
25*4 = 100 meters
0
5[1:0]
RO
SCA_txsel
These two bits indicate the TX phase of SCA operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93