Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC9237C2CDML Arkusz danych(PDF) 17 Page - Torex Semiconductor

Numer części XC9237C2CDML
Szczegółowy opis  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOREX [Torex Semiconductor]
Strona internetowa  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9237C2CDML Arkusz danych(HTML) 17 Page - Torex Semiconductor

Back Button XC9237C2CDML Datasheet HTML 13Page - Torex Semiconductor XC9237C2CDML Datasheet HTML 14Page - Torex Semiconductor XC9237C2CDML Datasheet HTML 15Page - Torex Semiconductor XC9237C2CDML Datasheet HTML 16Page - Torex Semiconductor XC9237C2CDML Datasheet HTML 17Page - Torex Semiconductor XC9237C2CDML Datasheet HTML 18Page - Torex Semiconductor XC9237C2CDML Datasheet HTML 19Page - Torex Semiconductor XC9237C2CDML Datasheet HTML 20Page - Torex Semiconductor XC9237C2CDML Datasheet HTML 21Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17/28
XC9235/XC9236/XC9237
Series
< Circuit No.1 >
※ 
External Components
L
: 1.5μH(NR3015) 3.0MHz
4.7μH(NR4018) 1.2MHz
CIN : 4.7μF(ceramic)
CL :10μF(ceramic)
< Circuit No.2 >
VIN
Lx
VSS
CE/
MODE
VOUT
A
V
CL
L
CIN
Wave Form Measure Point
< Circuit No.3 >
< Circuit No.4 >
VIN
Lx
VSS
CE/
MODE
VOUT
A
ON resistance = (VIN-VLx)/100mA
VIN
Lx
VSS
CE/
MODE
VOUT
V
100mA
< Circuit No.5 >
VIN
Lx
VSS
CE/
MODE
VOUT
A
ILeakH
ILeakL
A
ICEH
ICEL
< Circuit No.6 >
< Circuit No.7 >
VIN
Lx
VSS
CE/
MODE
VOUT
Rpulldown
1Ω
Ilat
Wave Form Measure Point
VIN
Lx
VSS
CE/
MODE
VOUT
V
ILIM
Wave Form Measure Point
VIN
Lx
VSS
CE/
MODE
VOUT
1μF
Rpulldown
200Ω
Wave Form Measure Point
1μF
1μF
1μF
1μF
1μF
<CircuitNo.8>
ILx
VIN
Lx
VSS
CE/
MODE
VOUT
1uF
A
■TEST CIRCUITS
Circuit ①
Circuit ②
Circuit ④
Circuit ⑤
Circuit ⑥
Circuit ⑦
Circuit ③
<Circuit No.9>
VIN
Lx
VSS
CE/
MODE
VOUT
A
CIN
Circuit ⑧
Circuit ⑨



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com