| Zakładka z wyszukiwarką danych komponentów |
|
H7CX-ASD Arkusz danych(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-ASD Arkusz danych(HTML) 7 Page - Omron Electronics LLC |
|
7 / 43 page ![]() Multifunction Preset Counter H7CX C-93 Connections I Block Diagram Note: All models except for H7CX- @D (models with 12 to 24-VDC power supplies) have basic insulation. I I/O Functions Using as a Counter Note: 1. In increment mode or increment/decrement mode, the present value returns to 0; in decrement mode, the present value returns to the set value with 1-stage models, and returns to set value 2 with 2-stage models. 2. The reset indicator will not be lit when the total reset or reset 2 input is ON. Using as a Tachometer Input circuit Display circuit (See note.) Output circuit (Basic insulation) Power supply circuit (Basic insulation) Key switch circuit Internal control circuit Inputs CP1, CP2 • In general (except for dual counter mode) Reads counting signals Increment, decrement, command, individual, and quadrature inputs accepted. • When used as a dual counter Reads CP1 count signals with CP1 input and CP2 count signals with CP2 input. Increment signals can be input. Reset or Reset 1 • In general (except for dual counter mode) Resets present value and outputs (OUT2 when using the batch counter). (See note 1.) Counting cannot be performed during reset/reset 1 input. The reset indicator is lit during reset input. • When used as a dual counter Resets the CP1 present value (to 0). Counting for CP1 input cannot be performed during reset 1 input. The reset indicator is lit during reset 1 input. Total Reset or Reset 2 (See note 2.) • When used as a 1-stage/2-stage counter Does not operate (Not used). • When used as a total and preset counter Resets the total count value. Holds the total count value at 0 during total reset input. • When used as a batch counter Resets the batch count value and batch output (OUT1). Holds the batch count value at 0 during reset 2 input. • When used as a dual counter Resets the CP2 present value. Counting for CP2 input cannot be performed during reset 2 input. Outputs OUT1, OUT2 Outputs take place according to designated output mode when corresponding preset is reached. Inputs CP1, CP2 Reads counting signals. (CP2 input is not used.) Reset 1, Reset 2 Holds the measurement value and outputs. (Reset 2 input is not used.) The reset indicator is lit during hold. Outputs OUT1, OUT2 Outputs signals according to the specified output mode when a set value is reached. |