Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

JB5DS08MN01 Arkusz danych(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Numer części JB5DS08MN01
Szczegółowy opis  Circular connector, IP68, Small size, waterproof, panel-to-cable, push-pull mating structure, solder type, 8 pos., Straight plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JAE [Japan Aviation Electronics Industry, Ltd.]
Strona internetowa  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JB5DS08MN01 Arkusz danych(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JB5DS08MN01 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JB5DS08MN01 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JB5DS08MN01 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JB5DS08MN01
Features
Circular connector, IP68, Small size, waterproof, panel-to-cable, push-pull mating structure, solder type, 8 pos., Straight plug
Part Number
JB5DS08MN01
Status
Active
Number of Positions
8 pos.
Contact Pitch (mm)
  
Rated Current (A)
2A / pos. max.
Rated Voltage (V)
200 VAC
Applicable Specifications
  
Waterproof/ Non-waterproof
IP68 (Mated)
Applications
-
Connector Type
Straight plug
Connector Style
  
Contact Type
Plug
Termination Style
Soldering
Applicable Wire Size (AWG)
#28 max.
Applicable Shell Size
S
Coupling Style
Push- pull lock
Contact Arrangement Code
  
Product Details


Podobny numer części - JB5DS08MN01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Japan Aviation Electron...
JB5DS08MN*1 JAE-JB5DS08MN*1 Datasheet
739Kb / 8P
Compact Push-Pull Circular Connector
JB5DS08MN11 JAE-JB5DS08MN11 Datasheet
142Kb / 3P
Circular connector, IP68, Small size, waterproof, panel-to-cable, push-pull mating structure, solder type, 8 pos., Straight plug
More results

Podobny opis - JB5DS08MN01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Assmann Electronics Inc...
A-CR-03PMMP-LC-WP-R ASSMANN-A-CR-03PMMP-LC-WP-R Datasheet
261Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
A-CR-04PMMP-LC-WP-R ASSMANN-A-CR-04PMMP-LC-WP-R Datasheet
271Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
A-CR-05PMMP-LC-WP-R ASSMANN-A-CR-05PMMP-LC-WP-R Datasheet
269Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
logo
Japan Aviation Electron...
JB5 JAE-JB5 Datasheet
739Kb / 8P
Compact Push-Pull Circular Connector
FO-MC JAE-FO-MC Datasheet
402Kb / 6P
Small Waterproof Optical Multi Pin Push-Pull Connector
logo
List of Unclassifed Man...
EPRC05 ETC2-EPRC05 Datasheet
343Kb / 2P
Push-Pull Circular connectors
2018/12
logo
Adam Technologies, Inc.
MMI-P1FGXXSXXXX ADAM-TECH-MMI-P1FGXXSXXXX Datasheet
140Kb / 1P
PUSH-PULL CONNECTOR FEMALE PLUG, PLASTIC, SIZE 1, SOLDER TERMINAL, STD TYPE, IP50
MMI-P1PXXXSXXXB ADAM-TECH-MMI-P1PXXXSXXXB Datasheet
138Kb / 1P
PUSH-PULL CONNECTOR MALE PLUG, PLASTIC, SIZE 1, SOLDER TERMINAL, BEND RELIEF TYPE
MMI-P1PXXXSXXXX ADAM-TECH-MMI-P1PXXXSXXXX Datasheet
143Kb / 1P
PUSH-PULL CONNECTOR MALE PLUG, PLASTIC, SIZE 1, SOLDER TERMINAL, STD TYPE, IP50
MMI-M0RSXXXS-IP68 ADAM-TECH-MMI-M0RSXXXS-IP68 Datasheet
128Kb / 1P
PUSH-PULL SOCKET, VERTICAL, SIZE 0, METAL BODY, FRONT PANEL MOUNT, SOLDER TERMINAL, IP68
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com