| Zakładka z wyszukiwarką danych komponentów |
|
TUSB4041IPAPR Arkusz danych(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB4041IPAPR Arkusz danych(HTML) 31 Page - Texas Instruments |
|
31 / 48 page ![]() POPULATE FOR BC SUPPORT VBUS_DS2 USB_DP_DN2 USB_DM_DN2 DN2_VBUS BOARD_3P3V DN2_VBUS OVERCUR2Z PWRCTRL2_BATEN2 C8 0.1 µF TUSB4041I_PAP U1C PWRCTL2/BATEN2 3 OVERCUR2Z 15 USB_DP_DN2 41 USB_DM_DN2 42 FB2 220 at 100 MHz USB2_TYPEA J3 VBUS 1 DM 2 DP 3 GND 4 SHIELD1 5 SHIELD2 6 C7 0.1 µF C9 0.001 µF R8 4.7 K R9 1 M Copyright © 2016, Texas Instruments Incorporated POPULATE FOR BC SUPPORT DN1_VBUS VBUS_DS1 USB_DM_DN1 USB_DP_DN1 BOARD_3P3V DN1_VBUS PWRCTRL1_BATEN1 OVERCUR1Z C5 0.001uF USB2_TYPEA J2 VBUS 1 DM 2 DP 3 GND 4 SHIELD1 5 SHIELD2 6 FB1 220 @ 100MHZ R7 1M R6 4.7K TUSB4041I_PAP U1B PWRCTL1/BATEN1 4 OVERCUR1Z 14 USB_DP_DN1 33 USB_DM_DN1 34 C6 0.1uF C4 0.1uF Copyright © 2016, Texas Instruments Incorporated 31 TUSB4041I www.ti.com SLLSEK3E – JULY 2015 – REVISED SEPTEMBER 2017 Product Folder Links: TUSB4041I Submit Documentation Feedback Copyright © 2015–2017, Texas Instruments Incorporated 9.2.2.2 Downstream Port 1 Implementation Figure 27. Downstream Port 1 Implementation The downstream port 1 of the TUSB4041I device is connected to a USB2 type A connector. With BATEN1 pin pulled up, battery charge support is enabled for Port 1. If battery charge support is not needed, then uninstall the pullup resistor on BATEN1. 9.2.2.3 Downstream Port 2 Implementation Figure 28. Downstream Port 2 Implementation The downstream port 2 of the TUSB4041I device is connected to a USB2 type A connector. With BATEN2 pin pulled up, battery charge support is enabled for port 2. If battery charge support is not needed, then uninstall the pullup resistor on BATEN2. |