| Zakładka z wyszukiwarką danych komponentów |
|
PFS7524L/H Arkusz danych(PDF) 28 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
PFS7524L/H Arkusz danych(HTML) 28 Page - Power Integrations, Inc. |
|
28 / 37 page ![]() Rev. D 04/25 28 PFS7523-7529/7533-7539 www.power.com Parameter Symbol Conditions SOURCE = 0 V; V CC = 12 V, -40 °C < T J(C) < 125 °C (Note C) (Unless Otherwise Specified) Min Typ Max Units VTS MOSFET Effective Output Capacitance C oss T J(M) = 25 °C V GS = 0 V, V DS = 0 to 80% BVDSS See Note A PFS7523 PFS7533 176 pF PFS7524 PFS7534 210 PFS7525 PFS7535 265 PFS7526 PFS7536 312 PFS7527 PFS7537 369 PFS7528 PFS7538 420 PFS7529 PFS7539 487 Breakdown Voltage BV DSS T J(M) = 25 °C, VCC = 12 V I D = 250 µA, VFB= VV = 0 V 530 V Breakdown Voltage Temperature Coefficient BV DSS(TC) See Note A 0.048 %/°C Off-State Drain Current Leakage I DSS V DS = 80% BV DSS VCC = 12 V V FB = VV = V C = 0 PFS7523 PFS7533 T J(M) =100 °C 80 µ A PFS7524 PFS7534 T J(M) =100 °C 100 PFS7525 PFS7535 T J(M) =100 °C 120 PFS7526 PFS7536 T J(M) =100 °C 150 PFS7527 PFS7537 T J(M) =100 °C 170 PFS7528 PFS7538 T J(M) =100 °C 200 PFS7529 PFS7539 T J(M) =100 °C 235 Turn-Off Voltage Rise Time t R See Notes A, B, C 50 ns Turn-On Voltage Fall Time t F See Notes A, B, C 100 ns |