| Zakładka z wyszukiwarką danych komponentów |
|
E32-R16 Arkusz danych(PDF) 36 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 Arkusz danych(HTML) 36 Page - Omron Electronics LLC |
|
36 / 64 page ![]() E3X E3X 36 E3X-H11/-A jj/-Fjj/-VGjj Using a sensing object, adjust Sensitivity Adjustor so that the indicators operate as described in the following table: Sensing method Sensing Light Indicators Through-beam With sensing object Interrupted Green: Light ON Red: Light OFF Without sensing object Incident Green: Light ON Red: Light ON Reflective Sensing With sensing object Incident Green: Light ON Red: Light ON Without sensing object Interrupted Green: Light ON Red: Light OFF Sensing of the difference in color or shade Color that has a high reflection ratio Incident Green: Light ON Red: Light ON Color that has a low reflection ratio Interrupted Green: Light ON Red: Light OFF Retroreflective With sensing object Reflector Interrupted Green: Light ON Red: Light OFF Without sensing object Reflector Incident Green: Light ON Red: Light ON Note: 1. If the indicators operate as described in the table, the E3X can operate in stable condition within the rated temperature range. 2. Even when the green indicator is OFF, the E3X will operate stably if the operating temperature change since the initial settings is within +10 °C. |