| Zakładka z wyszukiwarką danych komponentów |
|
LM285 Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM285 Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM185BH Active Production TO (NDV) | 3 1000 | BULK Yes Call TI Level-1-NA-UNLIM -55 to 125 ( LM185BH, LM185BH ) LM185BH/NOPB Active Production TO (NDV) | 3 1000 | BULK Yes Call TI Level-1-NA-UNLIM -55 to 125 ( LM185BH, LM185BH ) LM285BXZ/NOPB Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type -40 to 85 LM285 BXZ LM285BXZ/NOPB.B Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type -40 to 85 LM285 BXZ LM285BYM/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 LM285 BYM LM285BYM/NOPB.B Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 LM285 BYM LM285BYMX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 LM285 BYM LM285BYMX/NOPB.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 LM285 BYM LM285BYZ/NOPB Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type -40 to 85 LM285 BYZ LM285BYZ/NOPB.B Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type -40 to 85 LM285 BYZ LM285M/NOPB Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 LM285 M LM285M/NOPB.B Active Production SOIC (D) | 8 95 | TUBE Yes SN Level-1-260C-UNLIM -40 to 85 LM285 M LM285MX/NOPB Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 LM285 M LM285MX/NOPB.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 85 LM285 M LM285Z/NOPB Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type -40 to 85 LM285 Z LM285Z/NOPB.B Active Production TO-92 (LP) | 3 1800 | BULK Yes Call TI N/A for Pkg Type -40 to 85 LM285 Z Addendum-Page 1 |