| Zakładka z wyszukiwarką danych komponentów |
|
LM809 Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM809 Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 20 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM809M3-2.63/NOPB Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 105 S3B LM809M3-2.63/NOPB.A Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 105 S3B LM809M3-2.93/NOPB Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 105 S4B LM809M3-2.93/NOPB.A Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 105 S4B LM809M3-3.08/NOPB Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 105 S5B LM809M3-3.08/NOPB.A Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 105 S5B LM809M3-4.38/NOPB Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 105 S7B LM809M3-4.38/NOPB.A Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 105 S7B LM809M3-4.63/NOPB Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 105 S8B LM809M3-4.63/NOPB.A Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 105 S8B LM809M3X-2.63/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 105 S3B LM809M3X-2.63/NOPB.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 105 S3B LM809M3X-2.93/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 105 S4B LM809M3X-2.93/NOPB.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 105 S4B LM809M3X-3.08/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 105 S5B LM809M3X-3.08/NOPB.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 105 S5B LM809M3X-4.38/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM - S7B LM809M3X-4.38/NOPB.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 105 S7B LM809M3X-4.63/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 105 S8B LM809M3X-4.63/NOPB.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 105 S8B LM810M3-4.63/NOPB Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 105 SEB LM810M3-4.63/NOPB.A Active Production SOT-23 (DBZ) | 3 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 105 SEB LM810M3X-4.63/NOPB Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 105 SEB LM810M3X-4.63/NOPB.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 105 SEB (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. Addendum-Page 1 |