Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TMX/NOPB.B Arkusz danych(PDF) 60 Page - Texas Instruments

Numer części LP5523TMX/NOPB.B
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TMX/NOPB.B Arkusz danych(HTML) 60 Page - Texas Instruments

Back Button LP5523TMX/NOPB.B Datasheet HTML 53Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 54Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 55Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 56Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 57Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 58Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 59Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 60Page - Texas Instruments LP5523TMX/NOPB.B Datasheet HTML 61Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
MECHANICAL DATA
YFQ0025xxx
www.ti.com
TMD25XXX (Rev C)
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
NOTES:
4215084/A
12/12
D
0.600
±0.075
E
D: Max =
E: Max =
2.29 mm, Min =
2.29 mm, Min =
2.23 mm
2.23 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com