Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCM2902B Arkusz danych(PDF) 16 Page - Texas Instruments

Numer części PCM2902B
Szczegółowy opis  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2902B Arkusz danych(HTML) 16 Page - Texas Instruments

Back Button PCM2902B Datasheet HTML 12Page - Texas Instruments PCM2902B Datasheet HTML 13Page - Texas Instruments PCM2902B Datasheet HTML 14Page - Texas Instruments PCM2902B Datasheet HTML 15Page - Texas Instruments PCM2902B Datasheet HTML 16Page - Texas Instruments PCM2902B Datasheet HTML 17Page - Texas Instruments PCM2902B Datasheet HTML 18Page - Texas Instruments PCM2902B Datasheet HTML 19Page - Texas Instruments PCM2902B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
TYPICAL CHARACTERISTICS: ADC DIGITAL HIGH-PASS FILTER FREQUENCY RESPONSE
Frequency [y fS/1000]
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.0
0.1
0.2
0.3
0.4
G020
Frequency [y fS/1000]
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0
1
2
3
4
0.0
G021
TYPICAL CHARACTERISTICS: ADC ANALOG ANTIALIASING FILTER FREQUENCY RESPONSE
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
f − Frequency − kHz
0.01
1
10
100
0.1
0.0
G023
−50
−40
−30
−20
−10
0
f − Frequency − kHz
1
100
1k
10k
10
G022
PCM2900B
PCM2902B
SLES229 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fin = 1 kHz, 16-bit data, unless otherwise noted.
STOP-BAND CHARACTERISTICS
PASSBAND CHARACTERISTICS
Figure 20.
Figure 21.
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fin = 1 kHz, 16-bit data, unless otherwise noted.
STOP-BAND CHARACTERISTICS
PASSBAND CHARACTERISTICS
Figure 22.
Figure 23.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM2900B PCM2902B
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com