| Zakładka z wyszukiwarką danych komponentów |
|
SP95/1.2/GREEN Arkusz danych(PDF) 2 Page - Multicomp Pro |
|
|
|||||||||||||||||||||||||||||
SP95/1.2/GREEN Arkusz danych(HTML) 2 Page - Multicomp Pro |
|
2 / 3 page ![]() Page <2> V1.0 19/03/21 Heat Shrinks Newark.com/multicomp-pro Farnell.com/multicomp-pro Element14.com/multicomp-pro Description Part Number Heatshrink, 1.6mm, Black, 1.2m SP16/1.2/Black Heatshrink, 2.4mm, Black, 1.2m SP24/1.2/Black Heatshrink, 3.2mm, Black, 1.2m SP32/1.2/Black Heatshrink, 4.8mm, Black, 1.2m SP48/1.2/Black Heatshrink, 6.4mm, Black, 1.2m SP64/1.2/Black Heatshrink, 9.5mm, Black, 1.2m SP95/1.2/Black Heatshrink, 12.7mm, Black, 1.2m SP127/1.2/Black Heatshrink, 19mm, Black, 1.2m SP190/1.2/Black Heatshrink, 25.4mm, Black, 1.2m SP254/1.2/Black Heatshrink, 38.1mm, Black, 1.2m SP381/1.2/Black Heatshrink, 1.6mm, Black, 5m SP16/5/Black Heatshrink, 2.4mm, Black, 5m SP24/5/Black Heatshrink, 3.2mm, Black, 5m SP32/5/Black Heatshrink, 4.8mm, Black, 5m SP48/5/Black Heatshrink, 6.4mm, Black, 5m SP64/5/Black Heatshrink, 9.5mm, Black, 5m SP95/5/Black Heatshrink, 12.7mm, Black, 5m SP127/5/Black Heatshrink, 1.6mm, Clear, 1.2m SP16/1.2/Clear Heatshrink, 2.4mm, Clear, 1.2m SP24/1.2/Clear Heatshrink, 3.2mm, Clear, 1.2m SP32/1.2/Clear Heatshrink, 4.8mm, Clear, 1.2m SP48/1.2/Clear Ordering Data Ordering Size Min. Expanded Diameter Max. Recovered Diameter Nominal Recovered Wall Standard Reel Length Inches mm Inches mm Inches mm Inches mm Feet mm 1/16 1.6 0.063 1.6 0.031 0.8 0.018 0.45 500 150 3/32 2.4 0.093 2.4 0.046 1.2 0.019 0.5 500 150 1/8 3.2 0.125 3.2 0.062 1.6 0.019 0.5 500 150 3/16 4.8 0.187 4.8 0.093 2.4 0.019 0.5 500 150 1/4 6.4 0.25 6.4 0.125 3.2 0.026 0.65 250 75 3/8 9.5 0.375 9.5 0.187 4.8 0.026 0.65 250 75 1/2 12.7 0.5 12.7 0.25 6.4 0.026 0.65 250 75 3/4 19 0.75 19 0.375 9.5 0.029 0.75 200 60 1 25.4 1 25.4 0.5 12.7 0.035 0.9 200 60 11/2 38.1 1.5 38.1 0.75 19.1 0.039 1 100 30 Standard Colours : Black, Clear, Red, Yellow and Green Part Number Table Description Part Number Heatshrink, 6.4mm, Clear, 1.2m SP64/1.2/Clear Heatshrink, 9.5mm, Clear, 1.2m SP95/1.2/Clear Heatshrink, 12.7mm, Clear, 1.2m SP127/1.2/Clear Heatshrink, 19mm, Clear, 1.2m SP190/1.2/Clear Heatshrink, 25.4mm, Clear, 1.2m SP254/1.2/Clear Heatshrink, 38.1mm, Clear, 1.2m SP381/1.2/Clear Heatshrink, 1.6mm, Clear, 5m SP16/5/Clear Heatshrink, 2.4mm, Clear, 5m SP24/5/Clear Heatshrink, 3.2mm, Clear, 5m SP32/5/Clear Heatshrink, 4.8mm, Clear, 5m SP48/5/Clear Heatshrink, 6.4mm, Clear, 5m SP64/5/Clear Heatshrink, 9.5mm, Clear, 5m SP95/5/Clear Heatshrink, 12.7mm, Clear, 5m SP127/5/Clear Heatshrink, 1.6mm, Red, 1.2m SP16/1.2/Red Heatshrink, 2.4mm, Red, 1.2m SP24/1.2/Red Heatshrink, 3.2mm, Red, 1.2m SP32/1.2/Red Heatshrink, 4.8mm, Red, 1.2m SP48/1.2/Red Heatshrink, 6.4mm, Red, 1.2m SP64/1.2/Red Heatshrink, 9.5mm, Red, 1.2m SP95/1.2/Red Heatshrink, 12.7mm, Red, 1.2m SP127/1.2/Red Heatshrink, 19mm, Red, 1.2m SP190/1.2/Red |