Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RS3A Arkusz danych(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Numer części RS3A
Szczegółowy opis  CURRENT 3.0 Amperes VOLTAGE 50 to 800 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DAESAN [DAESAN ELECTRONIC CORP.]
Strona internetowa  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RS3A Arkusz danych(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  RS3A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RS3A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
0
2.0
3.0
1.0
100
0
50
150
200
RESISTIVE OR INDUCTIVE LOAD
P.C.B.MOUNTED ON
0.3X0.3"(8.0X8.0mm)
COPPER PAD AREAS
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
100
0.1
10
1
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
TJ=125℃
1.8
0.6
0.8
1.6
1.2
1.4
1.0
0.4
PULSE WIDTH=300ms
1% DUTY CYCLE
TJ=25℃
TJ=40℃
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
t,PULSE DURATION,sec
MOUNTED ON 0.20X0.27"
(5X7mm) COPPER PAD
AREA
10
0.01
0.1
1
100
100
10
0.1
1
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
50
75
25
125
0
100
1
100
20
10
4
60
40
8
6
2
TL=75℃
8.3m SINGLE HALF SINE WAVE
(JEDEC Method)
FIG.5-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
100
0
20
80
60
40
0.01
0.1
10
1
100
TJ=75℃
TJ=125℃
TJ=25℃
RATINGS AND CHARACTERISTIC CURVES RS3A THRU RS3K



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com