Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BOS02CU Arkusz danych(PDF) 1 Page - Balluff Korea Ltd.

Numer części BOS02CU
Szczegółowy opis  BOS 6K-UI-RD10-S75
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BALLUFF [Balluff Korea Ltd.]
Strona internetowa  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS02CU Arkusz danych(HTML) 1 Page - Balluff Korea Ltd.

  BOS02CU Datasheet HTML 1Page - Balluff Korea Ltd. BOS02CU Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photoelectric Sensors
BOS 6K-UI-RD10-S75
Order Code: BOS02CU
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-03
Subject to change without notice: 291900
ETIM 6.0: EC001821
BOS02CU_1.18_2025-03-27
1 / 2
1) Output function, 2) Operating voltage, 3) Sn, light/dark, 4) Optical axis receiver, 5) Optical axis emitter
Basic features
Approval/Conformity
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-2
Operating mode
SIO Mode
IO-Link Mode
Principle of operation
Photoelectric sensor
Series
6K
Style
Square
Connection 90°
Display/Operation
Adjuster
button
Display
LED yellow: Light received
Stability - LED green
Setting
Teach mode Stand./Dyn.
Sensitivity (Sn)
Light-on/dark-on
Electrical connection
Connection
Connector, M8x1-Male, 4-pin
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Input function
Key disable on/off
Same function as button
No-load current Io max. at Ue
30 mA
Operating voltage Ub
10...30 VDC
Protection class
II
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ripple max. (% of Ue)
10 %
Switching frequency
1000 Hz
Turn-off delay toff max.
0.5 ms
Turn-on delay ton max.
0.5 ms
Voltage drop Ud max. at Ie
3.5 V
Environmental conditions
Ambient temperature
-20...60 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 0.5 mm,
3x30 min
IP rating
IP67, IP69
Storage temperature
-20...80 °C
Functional safety
MTTF (40 °C)
503 a
n


Podobny numer części - BOS02CU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Balluff Korea Ltd.
BOS02CL BALLUFF-BOS02CL Datasheet
106Kb / 3P
BOS 6K-UI-RH11-S75
2025-03-26
BOS02CP BALLUFF-BOS02CP Datasheet
104Kb / 2P
Photoelectric Sensors
2024-10-16
BOS02CR BALLUFF-BOS02CR Datasheet
106Kb / 2P
BOS 6K-UI-RH10-02
2025-03-27
More results

Podobny opis - BOS02CU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rhombus Industries Inc.
T-60375 RHOMBUS-IND-T-60375 Datasheet
23Kb / 1P
UI Power Transformer
5/8/99
logo
List of Unclassifed Man...
45013 ETC1-45013 Datasheet
180Kb / 2P
TRANSFORMATEURS UI 30
logo
XFMRS Inc.
XFLP-30-200 XFMRS-XFLP-30-200 Datasheet
39Kb / 1P
6VA UI TRANSFORMER
logo
PHOENIX CONTACT
2902040 PHOENIX-2902040 Datasheet
98Kb / 6P
Signal conditioner - MINI MCR-2-UI-UI-PT
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
MCR-F-UI-DC
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
logo
Schneider Electric
STBXBE1300K SCHNEIDER-STBXBE1300K Datasheet
118Kb / 3P
Modicon STB - BOS internal bus extension kit
Apr 8, 2022
logo
PHOENIX CONTACT
2810939 PHOENIX-2810939 Datasheet
102Kb / 6P
Signal conditioner - MCR-C-UI-UI-DCI-NC
09/12/2020
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com