Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA26 Arkusz danych(PDF) 3 Page - DAESAN ELECTRONIC CORP.

Numer części SA26
Szczegółowy opis  POWER 500Watts VOLTAGE 5.0 to 170 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DAESAN [DAESAN ELECTRONIC CORP.]
Strona internetowa  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SA26 Arkusz danych(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  SA26 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SA26 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SA26 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SA26 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. SA26 Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. SA26 Datasheet HTML 6Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTIC at (TA=25℃ unless other specified)
B reakdown Voltage
Maximum
Maximum
Maximum
Maximum
V (B R ) at IT (1)
Tes t
S tand-off
R evers e
Peak P uls e
C lamping
Temperature
(V )
C urrent
Voltage
L eakage
C urrent
Voltage at
C oefficient
IT
V WM
at V WM
IPPM(2)
IPPM
of V(B R )
Device Type
MIN
MA X
(mA )
(V )
ID (3) (
µA)
(A )
V C (V)
(mV /
oC )
S A43 (C )
47.8
58.4
1.0
43.0
1.0
6.5
76.7
55.0
S A43 (C )A
47.8
52.8
1.0
43.0
1.0
7.2
69.4
50.0
S A45 (C )
50.0
61.1
1.0
45.0
1.0
6.2
80.3
58.0
S A45 (C )A
50.0
55.3
1.0
45.0
1.0
6.9
72.7
52.0
S A48 (C )
53.3
65.2
1.0
48.0
1.0
5.8
85.5
63.0
S A48 (C )A
53.3
58.9
1.0
48.0
1.0
6.5
77.4
56.0
S A51 (C )
56.7
69.3
1.0
51.0
1.0
5.5
91.1
66.0
S A51 (C )A
56.7
62.7
1.0
51.0
1.0
6.1
82.4
61.0
S A54 (C )
60.0
73.3
1.0
54.0
1.0
5.2
96.3
71.0
S A54 (C )A
60.0
66.3
1.0
54.0
1.0
5.7
87.1
65.0
S A58 (C )
64.4
78.7
1.0
58.0
1.0
4.9
103
78.0
S A58 (C )A
64.4
71.2
1.0
58.0
1.0
5.3
93.6
70.0
S A60 (C )
66.7
81.5
1.0
60.0
1.0
4.7
107
80.0
S A60 (C )A
66.7
73.7
1.0
60.0
1.0
5.2
96.8
71.0
S A64 (C )
71.1
86.9
1.0
64.0
1.0
4.4
114
86.0
S A64 (C )A
71.1
78.6
1.0
64.0
1.0
4.9
103
76.0
S A70 (C )
77.8
95.1
1.0
70.0
1.0
4.0
125
94.0
S A70 (C )A
77.8
86.0
1.0
70.0
1.0
4.4
113
85.0
S A75 (C )
83.3
102
1.0
75.0
1.0
3.7
134
101
S A75 (C )A
83.3
92.1
1.0
75.0
1.0
4.1
121
91.0
S A78 (C )
86.7
106
1.0
78.0
1.0
3.6
139
105
S A78 (C )A
86.7
95.8
1.0
78.0
1.0
4.0
126
95.0
S A85 (C )
94.4
115
1.0
85.0
1.0
3.3
151
114
S A85 (C )A
94.4
104
1.0
85.0
1.0
3.6
137
103
S A90 (C )
100
122
1.0
90.0
1.0
3.1
160
121
S A90 (C )A
100
111
1.0
90.0
1.0
3.4
146
110
S A100 (C )
111
136
1.0
100
1.0
2.8
179
135
S A100 (C )A
111
123
1.0
100
1.0
3.1
162
123
S A110 (C )
122
149
1.0
110
1.0
2.6
196
148
S A110 (C )A
122
135
1.0
110
1.0
2.8
177
133
S A120 (C )
133
163
1.0
120
1.0
2.3
214
162
S A120 (C )A
133
147
1.0
120
1.0
2.6
193
146
S A130 (C )
144
176
1.0
130
1.0
2.2
230
175
S A130 (C )A
144
159
1.0
130
1.0
2.4
209
158
S A150 (C )
167
204
1.0
150
1.0
1.9
268
203
S A150 (C )A
167
185
1.0
150
1.0
2.1
243
184
S A160 (C )
178
218
1.0
160
1.0
1.7
257
217
S A160 (C )A
178
197
1.0
160
1.0
1.9
259
196
S A170 (C )
189
231
1.0
170
1.0
1.6
304
230
S A170 (C )A
189
209
1.0
170
1.0
1.8
275
208
Notes : (1) P ulse test: tp = 50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) For bidirectional types with V WM of 10 Volts and less, the ID limit is doubled
(4) For the bidirectional S A5.0C A, the maximum VBR is 7.25V
(5) All terms and symbols are consistent with ANS I/IE E E C 62.35



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com