| Zakładka z wyszukiwarką danych komponentów |
|
D615BG.. Arkusz danych(PDF) 6 Page - Multicomp Pro |
|
|
|||||||||||||||||||||||||||||
D615BG.. Arkusz danych(HTML) 6 Page - Multicomp Pro |
|
6 / 7 page ![]() PART NO. ECN # REV -A REVISIONS DESCRIPTION DRAWN DATE DATE DATE CHECKD APPRVD S. R 8/5/06 8/5/06 22/5/06 K. S N. K RELEASED D Series This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change with- out notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the prod- ucts for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2004. TOLERANCES: DRAWN BY: S. Ram K. Suresh N. Kiwomya CHECKED BY: APPROVED BY: DATE: DRAWING TITLE: D Series - Standard D Shells 209786_DWG M10000228 08/05/06 DATE: SIZE SCALE: NTS U.O.M.: mm SHEET: 1 OF 6 DWG NO. ELECTRONIC FILE REV A 08/05/06 A DATE: 22/05/06 UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE FOR REFERENCE PURPOSES ONLY. Number of Ways Height Width Depth Cable Entry Maximum Colour Packaging Part Number 9 41 35 17 6 x 5.5 Black 5 per Pack D609BK. 15 48 43 9 x 5 D615BK. 25 57 9 x 6 D625BK. 37 54 70 13 x 6 D637BK. 50 20 13 x 9 D650BK. 9 41 35 17 6 x 5.5 Light Grey D609BG 15 48 43 9 x 5 D615BG 25 57 9 x 6 D625BG 9 41 35 6 x 5.5 Black D609BK 15 48 43 9 x 5 D615BK 25 57 9 x 6 D625BK 37 54 70 13 x 6 D637BK 50 20 13 x 9 D650BK Dimensions : Millimetres Specifications 6 |